Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2591RGVR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2591RGVR.B
Description  CC2591 2.4-GHz RF Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2591RGVR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2591RGVR.B Datasheet HTML 2Page - Texas Instruments CC2591RGVR.B Datasheet HTML 3Page - Texas Instruments CC2591RGVR.B Datasheet HTML 4Page - Texas Instruments CC2591RGVR.B Datasheet HTML 5Page - Texas Instruments CC2591RGVR.B Datasheet HTML 6Page - Texas Instruments CC2591RGVR.B Datasheet HTML 7Page - Texas Instruments CC2591RGVR.B Datasheet HTML 8Page - Texas Instruments CC2591RGVR.B Datasheet HTML 9Page - Texas Instruments CC2591RGVR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CC2591
SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014
www.ti.com
4
Specifications
4.1
Absolute Maximum Ratings
(1) (2)
Under no circumstances must the absolute maximum ratings be violated. Stress exceeding one or more of the limiting values
may cause permanent damage to the device.
PARAMETER
VALUE
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3 to 3.6
V
Voltage on any digital pin
–0.3 to VDD + 0.3, max 3.6
Input RF level
10
dBm
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
4.2
Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–50
150
°C
Human Body Model (HBM), per ANSI/ESDA/JEDEC
–600
600
V
JS001(1)
Electrostatic discharge (ESD)
VESD
performance:
Charged Device Model (CDM),
–500
500
V
per JESD22-C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.3
Recommended Operating Conditions
The operating conditions for CC2591 are listed below.
PARAMETER
MIN
MAX
UNIT
Ambient temperature range
–40
85
°C
Operating supply voltage
2
3.6
V
Operating frequency range
2400
2483.5
MHz
4.4
Electrical Characteristics
TC = 25°C, VDD = 3 V , fRF= 2440 MHz (unless otherwise noted). Measured on CC2591EM reference design including external
matching components.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive current, High-Gain Mode
HGM = 1
3.4
4
Receive current, Low-Gain Mode
HGM = 0
1.7
2
mA
Transmit current
PIN = 0.5 dBm
112
Transmit current
No input signal
40
50
Power-down current
EN = PAEN = 0
0.1
0.3
μA
High-input level (control pins)
EN, PAEN, HGM, RXTX
1.3
VDD
V
Low-input level (control pins)
EN, PAEN, HGM, RXTX
0.3
Power down - Receive mode switching
12
μs
time
Power down - Transmit mode switching
1
μs
time
RF Receive
Gain, High-Gain Mode
HGM = 1
11
dB
Gain, Low-Gain Mode
HGM = 0
1
dB
Gain variation, 2400 – 2483.5 MHz, High-
HGM = 1
1.3
dB
Gain Mode
Gain variation, 2.0 V – 3.6 V, High-Gain
HGM = 1
1.5
dB
Mode
6
Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com