Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCE925PWR.B Datasheet(PDF) 27 Page - Texas Instruments

Part # CDCE925PWR.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWR.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCE925PWR.B Datasheet HTML 23Page - Texas Instruments CDCE925PWR.B Datasheet HTML 24Page - Texas Instruments CDCE925PWR.B Datasheet HTML 25Page - Texas Instruments CDCE925PWR.B Datasheet HTML 26Page - Texas Instruments CDCE925PWR.B Datasheet HTML 27Page - Texas Instruments CDCE925PWR.B Datasheet HTML 28Page - Texas Instruments CDCE925PWR.B Datasheet HTML 29Page - Texas Instruments CDCE925PWR.B Datasheet HTML 30Page - Texas Instruments CDCE925PWR.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Xin/CLK
Xout
Vctrl
LP
PWM
control
signal
CDCEx925
Copyright © 2016, Texas Instruments Incorporated
27
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 19. Frequency Adjustment Using PWM Input to the VCXO Control
10.2.2.5 Unused Inputs and Outputs
If VCXO pulling functionality is not required, VCtrl should be left floating. All other unused inputs should be set to
GND. Unused outputs should be left floating.
If one output block is not used, TI recommends disabling it. However, TI always recommends providing the
supply for the second output block even if it is disabled.
10.2.2.6 Switching Between XO and VCXO Mode
When the CDCEx925 is in crystal oscillator or in VCXO configuration, the internal capacitors require different
internal capacitance. The following steps are recommended to switch to VCXO mode when the configuration for
the on-chip capacitor is still set for XO mode. To center the output frequency to 0 ppm:
1. While in XO mode, put Vctrl = Vdd/2
2. Switch from X0 mode to VCXO mode
3. Program the internal capacitors to obtain 0 ppm at the output.
10.2.3 Application Curves
Figure 20, Figure 21, Figure 22, and Figure 23 show CDCEx925 measurements with the SSC feature enabled.
Device configuration: 27-MHz input, 27-MHz output.
Figure 20. fOUT = 27 MHz, VCO Frequency < 125 MHz, SSC
(2% Center)
Figure 21. fOUT = 27 MHz, VCO Frequency > 175 MHz, SSC
(1%, Center)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com