Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJF-EZ Datasheet(PDF) 2 Page - Amphenol PCD, Inc

Part # RJF-EZ
Description  Ethernet ConnectionSystem for Harsh Environment –Industrial EthernetApplicationsApplications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RJF-EZ Datasheet(HTML) 2 Page - Amphenol PCD, Inc

  RJF-EZ Datasheet HTML 1Page - Amphenol PCD, Inc RJF-EZ Datasheet HTML 2Page - Amphenol PCD, Inc RJF-EZ Datasheet HTML 3Page - Amphenol PCD, Inc RJF-EZ Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Main
Main Characteristics
Characteristics
Environmental Protection
• Sealing : IP67
• Salt Spray > 1000 h
• Fire Retardant / Low Smoke : UL94 V0 and NFF 16102, DIN 5510-2
• Thermal Shock : 5 cycles at - 40°C / +100°C
• Operating Temperature : - 40°C / +85°C
Data Transmission
• 10 BaseT, 100 BaseTX and 1000 BaseT networks
Cat 5e per TIA/EIA 568B and ClassD per ISO/IEC 11801
Mechanical
• Quick lever coupling
• RJ45 cordset retention in the plug : 70 N in the axis
• Mating cycles : 500 min
Assembly Instructions
Easy and Safe : No field cabling tools required
Universal : Can be used with all standard * RJ45 Cat.5e cordset brands
RJStop
Patent
1
2
3
4
5
6
7
8
9
* The RJStop
 system allows the use of standard RJ45 cordsets regardless their Brand.
However, Amphenol Socapex can provide Cat5-5e cordset with reinforced jacket to be used
in harsh environments (shocks, oils, fuel,…). Please consult factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com