Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD23382F4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD23382F4
Description  CSD23382F4 12-V P-Channel FemtoFET™ MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD23382F4 Datasheet(HTML) 2 Page - Texas Instruments

  CSD23382F4 Datasheet HTML 1Page - Texas Instruments CSD23382F4 Datasheet HTML 2Page - Texas Instruments CSD23382F4 Datasheet HTML 3Page - Texas Instruments CSD23382F4 Datasheet HTML 4Page - Texas Instruments CSD23382F4 Datasheet HTML 5Page - Texas Instruments CSD23382F4 Datasheet HTML 6Page - Texas Instruments CSD23382F4 Datasheet HTML 7Page - Texas Instruments CSD23382F4 Datasheet HTML 8Page - Texas Instruments CSD23382F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Specifications.................................................................. 3
5.1 Electrical Characteristics.............................................3
5.2 Thermal Information....................................................3
5.3 Typical MOSFET Characteristics................................ 4
6 Device and Documentation Support..............................7
6.1 Trademarks.................................................................7
6.2 Electrostatic Discharge Caution..................................7
6.3 Glossary......................................................................7
7 Mechanical, Packaging, and Orderable Information.... 8
7.1 Mechanical Dimensions.............................................. 8
7.2 Recommended Minimum PCB Layout........................9
7.3 Recommended Stencil Pattern................................... 9
7.4 CSD23382F4 Embossed Carrier Tape Dimensions..10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (October 2021) to Revision E (January 2022)
Page
• Changed maximum height from "0.35-mm" to "0.36-mm" in Features section...................................................1
• Changed maximum height from "0.35-mm" to "0.36-mm" in Typical Device Dimensions ................................. 1
• Changed maximum height from "0.35-mm" to "0.36-mm" in Mechanical Dimensions section........................... 8
Changes from Revision C (October 2014) to Revision D (October 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added footnote with link to support document....................................................................................................9
Changes from Revision B (July 2014) to Revision C (October 2014)
Page
• Corrected timing VDS to read –6 V .....................................................................................................................3
CSD23382F4
SLPS453E – MAY 2014 – REVISED JANUARY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD23382F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com