Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR1AP2002K0G Datasheet(PDF) 10 Page - APEM

Part # PBAR1AP2002K0G
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR1AP2002K0G Datasheet(HTML) 10 Page - APEM

Back Button PBAR1AP2002K0G Datasheet HTML 6Page - APEM PBAR1AP2002K0G Datasheet HTML 7Page - APEM PBAR1AP2002K0G Datasheet HTML 8Page - APEM PBAR1AP2002K0G Datasheet HTML 9Page - APEM PBAR1AP2002K0G Datasheet HTML 10Page - APEM PBAR1AP2002K0G Datasheet HTML 11Page - APEM PBAR1AP2002K0G Datasheet HTML 12Page - APEM PBAR1AP2002K0G Datasheet HTML 13Page - APEM PBAR1AP2002K0G Datasheet HTML 14Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
B2-138
APEM
www.apem.com
B2
PBA series
Piezo switches Ø 19 (.748)
Options
LED COLOURS
Blank
: non-illuminated
Illuminated 1 LED *
0B
: blue - 0G : green - 0S : red - 0Y : yellow - 0W : white
Illuminated 2 LEDs
2A
: red/green - 2B : red/yellow - 2C : red/blue - 2D : red/white - 2E : green/blue - 2F : green/yellow - 2G : green/white
2H
: blue/yellow - 2I : blue/white - 2K : yellow/white
Illuminated 3 LEDs
3A
: red/green/blue - 3B : red/green/yellow - 3D : red/green/white - 3E : red/blue/yellow - 3F : red/blue/white
3G
: red/yellow/white - 3H : green/blue/yellow - 3I : green/blue/white - 3J : green/yellow/white - 3K : blue/yellow/white
* LED colour is indicated by the bottom of the product.
0B
0G
0S
0Y
0W
Integrated LED resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com