Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLP4710LCFQL Datasheet(PDF) 35 Page - Texas Instruments

Part # DLP4710LCFQL
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL Datasheet HTML 33Page - Texas Instruments DLP4710LCFQL Datasheet HTML 34Page - Texas Instruments DLP4710LCFQL Datasheet HTML 35Page - Texas Instruments DLP4710LCFQL Datasheet HTML 36Page - Texas Instruments DLP4710LCFQL Datasheet HTML 37Page - Texas Instruments DLP4710LCFQL Datasheet HTML 38Page - Texas Instruments DLP4710LCFQL Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
9.3 Power Supply Sequencing Requirements
VOFFSET
VBIAS
VRESET
VRESET
VOFFSET
VBIAS
VDD / VDDI
VBIAS < 4 V
VOFFSET < 4 V
VRESET < 0.5 V
VDD
VRESET > ±4 V
VSS
DMD_DEN_ARSTZ
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD and VDDI
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD and VDDI
VBIAS
VOFFSET
VRESET
VDD
VDD
LS_CLK
LS_WDATA
9'' ” 92))6(7
< 6 V
9'' ” 9%,$6
< 6 V
D_P(0:3), D_N(0:3)
DCLK_P, DCLK_N
ûV < Specification
(1)(2)
ûV < Specification
(3)
Mirror park sequence
(4)
t3
t2
t1
Initialization
t4
VID
ûV < Specification
(2)
DLP display controller software controls start of DMD operation
Mirror park sequence starts
Mirror park sequence ends. DLP PMIC/LED driver disables VBIAS, VOFFSET, and VRESET.
Power off.
Refer to Table 9-1 and Figure 9-2 for critical power-up sequence delay requirements.
When system power is interrupted, the ASIC driver initiates hardware the power-down sequence, that disables VBIAS, VRESET
and VOFFSET after the micromirror park sequence is complete. Software the power-down sequence, disables VBIAS, VRESET, and
VOFFSET after the micromirror park sequence through software control.
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than specified limit shown in Recommended
Operating Conditions.
Drawing is not to scale and details are omitted for clarity.
Figure 9-1. Power Supply Sequencing Requirements
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com