Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

18/4FPLR Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 18/4FPLR
Description  4C/18 AWG SOLID FPLR PVC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

18/4FPLR Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  18/4FPLR Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description : 4C/18 AWG SOLID FPLR PVC - 1000 FT SPOOL
Conductor :
18 AWG Solid HBC Cond.
Total Cable Weight : 50 kg/km
Final Diameter :
0.176 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
6.4 Ohms / 1000 ft
Mutual Capacitance : 21.7 pF/ft
Impedance :
81.7 Ohms
Velocity of Prop : 68 %
Inductance. :
1.3 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS - - - P/N 18/4FPLR - - - RISER FIRE
ALARM CABLE (UL) CL2R/CL3R E198137 OR FPLR (UL) C(UL) CMG CMR
UNSH 4/C 18 AWG SOLID PVC JKT --- ZONE/DEVICE A B C D E 0 1 2 3 4 5 6
7 8 9 RoHS
Cabled OD Avg: 0.144
Ins Thickness: 0.010
Jkt Thickness: 0.015
Certified: UL CL2R/CL3R OR FPLR/CMG/CMR
Flame Rating: Riser
Max Voltage: 300V
( All of the above values are approximated to within
)
+/- 10%
9.50
13.41
32
SCP PART#: 18/4FPLR
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
Rev04/22
Part Number:
18/4FPLR
18/4FPLR-WT
Jacket Color:
Part Number:
Jacket Color:
Red
White


Similar Part No. - 18/4FPLR

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
18/4FPLR -BOX STRUCTURED-CABLE-18/4FPLR -BOX Datasheet
79Kb / 1P
4C/18AWG SOLID FPLR PVC
18/4FPLR -STR-RIB STRUCTURED-CABLE-18/4FPLR -STR-RIB Datasheet
113Kb / 1P
4C/18AWG STR FPLR PVC
18/4FPLR-500 STRUCTURED-CABLE-18/4FPLR-500 Datasheet
375Kb / 1P
4C/18 AWG SOLID FPLR RISER
Rev02/22
18/4FPLR-SH STRUCTURED-CABLE-18/4FPLR-SH Datasheet
380Kb / 1P
Shielded Riser 4/C 18/1 AWG SBC
Rev02/22
More results

Similar Description - 18/4FPLR

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3242 GENERAL-C3242 Datasheet
73Kb / 1P
4C 18 SOLID BC HALAR PVC Fire Alarm/Life Safety Cable
C9011A GENERAL-C9011A Datasheet
71Kb / 1P
4C 22 AWG 7/30 TC PVC / PVC
C9020A GENERAL-C9020A Datasheet
71Kb / 1P
4C 20 AWG 7/28 TC PVC / PVC
C9031A GENERAL-C9031A Datasheet
71Kb / 1P
4C 18 AWG 16/30 TC PVC / PVC
C9042A GENERAL-C9042A Datasheet
71Kb / 1P
4C 16 AWG 19/.0117 TC PVC / PVC
C9131A GENERAL-C9131A Datasheet
71Kb / 1P
4C 18 AWG 16/30 TC PVC / OAS / PVC
C9142A GENERAL-C9142A Datasheet
71Kb / 1P
4C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9231A GENERAL-C9231A Datasheet
70Kb / 1P
4C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
E1504S GENERAL-E1504S Datasheet
73Kb / 1P
4C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com