Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC080SMA330B4 Datasheet(PDF) 10 Page - Microchip Technology

Part # MSC080SMA330B4
Description  3300 V, 400 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA330B4 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MSC080SMA330B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 9Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 10Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 11Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 12Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 13Page - Microchip Technology MSC080SMA330B4 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
...........continued
Symbol
Min (mm)
Max (mm)
Min (in.)
Max (in.)
I
19.81
20.32
0.780
0.800
J
1.07
1.33
0.042
0.052
K
15.77
16.03
0.621
0.631
L
13.89
14.15
0.547
0.557
M
16.25
16.85
0.640
0.663
N
2.00
2.75
0.079
0.108
O
7.10
7.50
0.280
0.295
P
2.87 BSC
0.113 BSC
Q
5.08 BSC
0.200 BSC
R
2.54 BSC
0.100 BSC
Terminal 1
Drain
Terminal 2
Source
Terminal 3
Source sense
Terminal 4
Gate
Terminal 5
Drain
MSC400SMA330B4
Package Specification
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004433A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com