Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7580 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 22Page - STMicroelectronics ST7580 Datasheet HTML 23Page - STMicroelectronics ST7580 Datasheet HTML 24Page - STMicroelectronics ST7580 Datasheet HTML 25Page - STMicroelectronics ST7580 Datasheet HTML 26Page - STMicroelectronics ST7580 Datasheet HTML 27Page - STMicroelectronics ST7580 Datasheet HTML 28Page - STMicroelectronics ST7580 Datasheet HTML 29Page - STMicroelectronics ST7580 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Physical layer
ST7580
26/33
DocID022644 Rev 2
Figure 12. Frequency deviation
The following equation shows the frequency deviation formula for ST7580 FSK modulation:
Equation 4 Frequency deviation formula
The deviation factor is a configurable parameter: admitted values are 1 or 0.5. Table 12
summarizes the frequency deviation for all symbol rate and deviation factors.
Table 12. Frequency deviation possible values
Symbol rate [baud]
Deviation factor
10.5
1200
0.6 kHz
0.3 kHz
2400
1.2 kHz
0.6 kHz
4800
2.4 kHz
1.2 kHz
9600
4.8 kHz
2.4 kHz

Hz
factor
_
deviation
*
2
rate
_
symbol
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com