Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA138NA/3K Datasheet(PDF) 16 Page - Texas Instruments

Part # INA138NA/3K
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/3K Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA138NA/3K Datasheet HTML 12Page - Texas Instruments INA138NA/3K Datasheet HTML 13Page - Texas Instruments INA138NA/3K Datasheet HTML 14Page - Texas Instruments INA138NA/3K Datasheet HTML 15Page - Texas Instruments INA138NA/3K Datasheet HTML 16Page - Texas Instruments INA138NA/3K Datasheet HTML 17Page - Texas Instruments INA138NA/3K Datasheet HTML 18Page - Texas Instruments INA138NA/3K Datasheet HTML 19Page - Texas Instruments INA138NA/3K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
V+
R
S
4
3
3
4
+5V
+5V
+5V
REF
OUT
BUF
IN
BUF
OUT
5
5
Digital
I/O
REF
BUF
INA138
1
2
INA138
2
1
MUX
PGIA
12-Bit A/D
Converter
RL
25kΩ
A/D converter programmed for differential input.
RL
25kΩ
Clock
Divider
Oscillator
ADS7870
Serial
I/O
Depending on polarity of current, one INA138 provides
an output voltage, the output of the other is zero.
Time
Load Current
Output
Sign
16
INA138, INA168
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 16. Bipolar Current Measurements Results (arbitrary scale)
8.2.5 Bipolar Current Measurement Using Differential Input of ADC
The INA1x8 devices can be used with an ADC such as the ADS7870 programmed for differential mode
operation. Figure 17 illustrates this configuration. In this configuration the use of two INAs allows for bidirectional
current measurement. Depending upon the polarity of the current, one of the INAs provides an output voltage,
while the other output is zero. In this way the ADC reads the polarity of current directly, without the need for
additional circuitry.
Figure 17. Bipolar Current Measurement Using Differential Input of ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com