Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA138NA/250.A Datasheet(PDF) 3 Page - Texas Instruments

Part # INA138NA/250.A
Description  INA1x8 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA138NA/250.A Datasheet(HTML) 3 Page - Texas Instruments

  INA138NA/250.A Datasheet HTML 1Page - Texas Instruments INA138NA/250.A Datasheet HTML 2Page - Texas Instruments INA138NA/250.A Datasheet HTML 3Page - Texas Instruments INA138NA/250.A Datasheet HTML 4Page - Texas Instruments INA138NA/250.A Datasheet HTML 5Page - Texas Instruments INA138NA/250.A Datasheet HTML 6Page - Texas Instruments INA138NA/250.A Datasheet HTML 7Page - Texas Instruments INA138NA/250.A Datasheet HTML 8Page - Texas Instruments INA138NA/250.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
OUT
2
GND
3
VIN+
4
VIN±
5
V+
Not to scale
3
INA138, INA168
www.ti.com
SBOS122E – DECEMBER 1999 – REVISED DECEMBER 2017
Product Folder Links: INA138 INA168
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT
O
Output current
2
GND
—
Ground
3
VIN+
I
Positive input voltage
4
VIN–
I
Negative input voltage
5
V+
I
Power supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com