Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7520CDW.B Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7520CDW.B
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520CDW.B Datasheet(HTML) 1 Page - Texas Instruments

  ISO7520CDW.B Datasheet HTML 1Page - Texas Instruments ISO7520CDW.B Datasheet HTML 2Page - Texas Instruments ISO7520CDW.B Datasheet HTML 3Page - Texas Instruments ISO7520CDW.B Datasheet HTML 4Page - Texas Instruments ISO7520CDW.B Datasheet HTML 5Page - Texas Instruments ISO7520CDW.B Datasheet HTML 6Page - Texas Instruments ISO7520CDW.B Datasheet HTML 7Page - Texas Instruments ISO7520CDW.B Datasheet HTML 8Page - Texas Instruments ISO7520CDW.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7520C, ISO7521C
SLLSE39E – JUNE 2010 – REVISED MAY 2015
ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
1 Features
3 Description
The ISO7520C and ISO7521C provide galvanic
1
•
Highest Signaling Rate: 1 Mbps
isolation of up to 4243 VRMS for 1 minute per UL and
•
Propagation Delay Less Than 20 ns
6000 VPK per VDE. These devices are also certified
•
Low-Power Consumption
to 5000 VRMS reinforced insulation per end equipment
standards IEC 60950-1, IEC 61010-1, and IEC
•
Wide Ambient Temperature: –40°C to 105°C
60601-1. These digital isolators have two isolated
•
50 kV/µs Transient Immunity Typical
channels
with
unidirectional
(ISO7520C)
and
•
Operates From 3.3-V or 5-V Supply and Logic
bidirectional
(ISO7521C)
channel
configurations.
Levels
Each isolation channel has a logic input and output
buffer separated by a silicon oxide (SiO2) insulation
•
3.3-V and 5.0-V Level Translation
barrier. Used in conjunction with isolated power
•
Safety and Regulatory Approvals
supplies, these devices prevent noise currents on a
–
6000 VPK Isolation per DIN V VDE V 0884-10
data bus or other circuits from entering the local
and DIN EN 61010-1
ground and interfering with or damaging sensitive
circuitry. The devices have TTL input thresholds and
–
4243 VRMS Isolation for 1 Minute per UL 1577
can operate from 3.3- and 5-V supplies. All inputs are
–
CSA Component Acceptance Notice 5A, IEC
5-V tolerant when supplied from 3.3-V supplies.
60950-1, IEC 61010-1, and IEC 60601-1 End
NOTE: The ISO7520C and ISO7521C are specified
Equipment Standards
for signaling rates up to 1 Mbps. Due to their fast
–
TUV 5000 VRMS Isolation per EN 60950-1 and
response time, these devices will also transmit faster
EN 61010-1
data with much shorter pulse widths. Designers must
–
CQC Certification per GB4943.1-2011
add external filtering to remove spurious signals with
input pulse duration < 20 ns, if desired.
2 Applications
Device Information(1)
•
Opto-Coupler Replacement in:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Industrial Field-Buses
ISO7520C
SOIC (16)
10.30 mm × 7.50 mm
–
ProfiBuses
ISO7521C
–
ModBuses
(1) For all available packages, see the orderable addendum at
–
DeviceNet™ Data Buses
the end of the data sheet.
–
Servo Control Interfaces
–
Motor Control
–
Power Supplies
–
Battery Packs
Simplified Schematic
(1)
VCCI and GNDI are supply and ground connections respectively for the input channels.
(2)
VCCO and GNDO are supply and ground connections respectively for the output channels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7520CDW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7520CDW TI-ISO7520CDW Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI-ISO7520CDW Datasheet
325Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI1-ISO7520CDW Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI1-ISO7520CDW Datasheet
1,017Kb / 25P
Low-Power 5 kVRMS Dual-Channel Digital Isolators
ISO7520CDWR TI-ISO7520CDWR Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
More results

Similar Description - ISO7520CDW.B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. 0
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520 TI-ISO7520_1 Datasheet
325Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
Low-Power Dual Channel Digital Isolators
ISO7520C TI1-ISO7520C Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7520C TI1-ISO7520C_15 Datasheet
1,017Kb / 25P
Low-Power 5 kVRMS Dual-Channel Digital Isolators
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com