Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF353M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LF353M/NOPB
Description  LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF353M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LF353M/NOPB Datasheet HTML 1Page - Texas Instruments LF353M/NOPB Datasheet HTML 2Page - Texas Instruments LF353M/NOPB Datasheet HTML 3Page - Texas Instruments LF353M/NOPB Datasheet HTML 4Page - Texas Instruments LF353M/NOPB Datasheet HTML 5Page - Texas Instruments LF353M/NOPB Datasheet HTML 6Page - Texas Instruments LF353M/NOPB Datasheet HTML 7Page - Texas Instruments LF353M/NOPB Datasheet HTML 8Page - Texas Instruments LF353M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LF353-N
www.ti.com
SNOSBH3F – APRIL 1998 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
±18V
Power Dissipation
See(3)
Operating Temperature Range
0°C to +70°C
Tj(MAX)
150°C
Differential Input Voltage
±30V
Input Voltage Range(4)
±15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 sec.)
260°C
Soldering Information: Dual-In-Line Package Soldering (10 sec.)
260°C
Small Outline Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Tolerance(5)
1000V
θJA D Package
TBD
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For operating at elevated temperatures, the device must be derated based on a thermal resistance of 115°C/W typ junction to ambient
for the P package, and 160°C/W typ junction to ambient for the D package.
(4)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF353-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com