Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF353M/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LF353M/NOPB.B
Description  LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF353M/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LF353M/NOPB.B Datasheet HTML 1Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 2Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 3Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 4Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 5Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 6Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 7Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 8Page - Texas Instruments LF353M/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LF353-N
SNOSBH3F – APRIL 1998 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
LF353-N
Symbol
Parameter
Conditions
Units
MIn
Typ
Max
VOS
Input Offset Voltage
RS=10kΩ, TA=25°C
5
10
mV
Over Temperature
13
mV
ΔVOS/ΔT
Average TC of Input Offset Voltage
RS=10 kΩ
10
μV/°C
IOS
Input Offset Current
Tj=25°C
(1) (2)
25
100
pA
Tj≤70°C
4
nA
IB
Input Bias Current
Tj=25°C
(1) (2)
50
200
pA
Tj≤70°C
8
nA
RIN
Input Resistance
Tj=25°C
1012
Ω
AVOL
Large Signal Voltage Gain
VS=±15V, TA=25°C
25
100
V/mV
VO=±10V, RL=2 kΩ
Over Temperature
15
V/mV
VO
Output Voltage Swing
VS=±15V, RL=10kΩ
±12
±13.5
V
VCM
Input Common-Mode Voltage
VS=±15V
±11
+15
V
Range
−12
V
CMRR
Common-Mode Rejection Ratio
RS≤ 10kΩ
70
100
dB
PSRR
Supply Voltage Rejection Ratio
See(3)
70
100
dB
IS
Supply Current
3.6
6.5
mA
(1)
These specifications apply for VS=±15V and 0°C≤TA≤+70°C. VOS, IBand IOS are measured at VCM=0.
(2)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to the limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation
the junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj=TA+θjA PD where θjA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
(3)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice. VS = ±6V to ±15V.
AC Electrical Characteristics
(1)
LF353-N
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Amplifier to Amplifier Coupling
TA=25°C, f=1 Hz−20 kHz
−120
dB
(Input Referred)
SR
Slew Rate
VS=±15V, TA=25°C
8.0
13
V/
μs
GBW
Gain Bandwidth Product
VS=±15V, TA=25°C
2.7
4
MHz
en
Equivalent Input Noise Voltage
TA=25°C, RS=100Ω, f=1000 Hz
16
nV/
√Hz
in
Equivalent Input Noise Current
Tj=25°C, f=1000 Hz
0.01
pA/
√Hz
THD
Total Harmonic Distortion
AV=+10, RL=10k, VO=20Vp−p,
<0.02
%
BW=20 Hz-20 kHz
(1)
These specifications apply for VS=±15V and 0°C≤TA≤+70°C. VOS, IBand IOS are measured at VCM=0.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LF353-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com