Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2731XMF/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2731XMF/NOPB
Description  LM2731 0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2731XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
8.2.2.2 Selecting the Output Capacitor
A single ceramic capacitor of value 4.7 µF to 10 µF will provide sufficient output capacitance for most
applications. If larger amounts of capacitance are desired for improved line support and transient response,
tantalum capacitors can be used. Aluminum electrolytics with ultra low ESR such as Sanyo Oscon can be used,
but are usually prohibitively expensive. Typical AI electrolytic capacitors are not suitable for switching frequencies
above 500 kHz due to significant ringing and temperature rise due to self-heating from ripple current. An output
capacitor with excessive ESR can also reduce phase margin and cause instability.
In general, if electrolytics are used, TI recommends that they be paralleled with ceramic capacitors to reduce
ringing, switching losses, and output voltage ripple.
8.2.2.3 Selecting the Input Capacitor
An input capacitor is required to serve as an energy reservoir for the current which must flow into the coil each
time the switch turns ON. This capacitor must have extremely low ESR, so ceramic is the best choice. TI
recommends a nominal value of 2.2 µF, but larger values can be used. Since this capacitor reduces the amount
of voltage ripple seen at the input pin, it also reduces the amount of EMI passed back along that line to other
circuitry.
8.2.2.4 Feedforward Compensation
Although internally compensated, the feedforward capacitor Cf is required for stability (see Figure 26). Adding
this capacitor puts a zero in the loop response of the converter. The recommended frequency for the zero fz
should be approximately 6 kHz. Cf can be calculated using the formula:
Cf = 1 / (2 ×
π X R1 × fz)
(1)
8.2.2.5 Selecting Diodes
The external diode used in the typical application should be a Schottky diode. TI recommends a 20-V diode such
as the MBR0520.
The MBR05XX series of diodes are designed to handle a maximum average current of 0.5 A. For applications
exceeding 0.5-A average but less than 1 A, a Microsemi UPS5817 can be used.
8.2.2.6 Setting the Output Voltage
The output voltage is set using the external resistors R1 and R2 (see Figure 26). A minimum value of 13.3 k
Ω is
recommended for R2 to establish a divider current of approximately 92 µA. R1 is calculated using the formula:
R1 = R2 × (VOUT/1.23 − 1)
(2)
8.2.2.7 Switching Frequency
The LM2731 is provided with two switching frequencies: the “X” version is typically 1.6 MHz, while the “Y” version
is typically 600 kHz. The best frequency for a specific application must be determined based on the trade-offs
involved:
Higher switching frequency means the inductors and capacitors can be made smaller and cheaper for a given
output voltage and current. The down side is that efficiency is slightly lower because the fixed switching losses
occur more frequently and become a larger percentage of total power loss. EMI is typically worse at higher
switching frequencies because more EMI energy will be seen in the higher frequency spectrum where most
circuits are more sensitive to such interference.
Figure 26. Basic Application Circuit
14
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com