Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2731XMF/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2731XMF/NOPB.B
Description  LM2731 0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2731XMF/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2731XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 10Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 11Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 12Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 13Page - Texas Instruments LM2731XMF/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
0
100
200
300
400
500
600
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
1400
0
200
400
600
800
1000 1200
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
1400
0
200
400
600
800 1000 1200
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, SHDN pin tied to VIN.
VIN = 4.2 V
VOUT = 5 V
VIN = 3.3 V
VOUT = 5 V
Figure 19. Efficiency vs Load Current - Y Option
Figure 20. Efficiency vs Load Current - Y Option
VIN = 2.7 V
VOUT = 12 V
VIN = 3.3 V
VOUT = 12 V
Figure 21. Efficiency vs Load Current - Y Option
Figure 22. Efficiency vs Load Current - Y Option
VIN = 5 V
VOUT = 12 V
Figure 23. Efficiency vs Load Current - Y Option
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com