Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2830XMF/NOPB.A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2830XMF/NOPB.A
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2830XMF/NOPB.A Datasheet HTML 6Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 7Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 9Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 10Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 11Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 12Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 13Page - Texas Instruments LM2830XMF/NOPB.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
cv
S
R
R
Q
GND
FB
SW
VIN
EN
+
-


DRIVER
Artificial
Ramp
SHDN
Thermal
SHDN
OVP
1.6 MHz
Comp
Internal -
SENSE
I
LIMIT
I
LDO
Internal -
START
SOFT -
PFET
SENSE
I
ENABLE and UVLO
15
.
1
x
REF
V
Control Logic
VREF = 0.6V
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Soft-Start
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error reference
voltage of the amplifier ramps from 0 V to its nominal value of 0.6 V in approximately 600 µs. This forces the
regulator output to ramp up in a controlled fashion, which helps reduce inrush current.
7.3.2 Output Overvoltage Protection
The overvoltage comparator compares the FB pin voltage to a voltage that is 15% higher than the internal
reference VREF. Once the FB pin voltage goes 15% above the internal reference, the internal PMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
7.3.3 Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the LM2830 device from operating until the input voltage exceeds 2.73 V
(typical). The UVLO threshold has approximately 430 mV of hysteresis, so the part will operate until VIN drops
below 2.3V (typical). Hysteresis prevents the part from turning off during power up if VIN is nonmonotonic.
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com