Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3478MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3478MA/NOPB
Description  LM3478 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3478MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3478MA/NOPB Datasheet HTML 12Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 13Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 15Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 16Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 17Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 18Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 19Page - Texas Instruments LM3478MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
16
LM3478
SNVS085X – JULY 2000 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LM3478
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3478 may be operated in either the continuous conduction mode (CCM) or the discontinuous current
conduction mode (DCM). The following applications are designed for the CCM operation. This mode of operation
has higher efficiency and usually lower EMI characteristics than the DCM.
8.2 Typical Applications
8.2.1 Typical High Efficiency Step-Up (Boost) Converter
Figure 27. Typical High Efficiency Step-Up (Boost) Converter Schematic
The boost converter converts a low input voltage into a higher output voltage. The basic configuration for a boost
converter is shown in Figure 28. In the CCM (when the inductor current never reaches zero at steady state), the
boost regulator operates in two states. In the first state of operation, MOSFET Q is turned on and energy is
stored in the inductor. During this state, diode D is reverse biased and load current is supplied by the output
capacitor, COUT.
In the second state, MOSFET Q is off and the diode is forward biased. The energy stored in the inductor is
transferred to the load and the output capacitor. The ratio of the switch on time to the total period is the duty
cycle D as shown in Equation 8.
D = 1 - (Vin / Vout)
(8)
Including the voltage drop across the MOSFET and the diode the definition for the duty cycle is shown in
Equation 9.
D = 1 - ((Vin - Vq)/(Vout + Vd))
(9)
Vd is the forward voltage drop of the diode and Vq is the voltage drop across the MOSFET when it is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com