Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM335AMX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM335AMX/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AMX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM335AMX/NOPB Datasheet HTML 11Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 12Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 13Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 14Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 15Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 16Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 17Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 18Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
Adjust D1 to 50 mV greater VZ than D2.
Charge terminates on 5°C temperature rise.
Couple D2 to battery.
Adjust for zero with sensor at 0°C and 10T pot set at
0°C
Adjust for zero output with 10T pot set at 100°C and
sensor at 100°C
Output reads difference between temperature and
dial setting of 10T pot
Figure 29. Fast Charger For Nickel-Cadmium
Figure 30. Variable Offset Thermometer
Batteries
*Self heating is used to detect air flow
Figure 31. Ground Referred Centigrade
Figure 32. Air Flow Detector
Thermometer
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com