Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3477AMM/NOPB.B Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3477AMM/NOPB.B
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3477AMM/NOPB.B Datasheet HTML 19Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 20Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 21Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 22Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 23Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 24Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 25Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 26Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
H = feedback gain =
RFB2
RFB1 RFB2
+
-60
-40
60
10
2
10
3
10
4
10
5
10
6
FREQUENCY (Hz)
-20
0
20
40
10
7
fP1
m
fP2
fZ1
fC
fn
-180
-135
-90
-45
0
-225
fESR
Open Loop (T)
Power Stage
Compensator
+
-
BG
VC
RFB1
RFB2
CFF
CC2
CC1
RC
LM3477
RGM
GM
VOUT
FB
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
The compensation network is designed around the power components, or the power stage. An isolated
schematic of the error amplifier and the various compensation components is shown in Figure 32. The error
amplifier in conjunction with the compensation network makes up the compensator block in Figure 31. The
purpose of the compensator block is to stabilize the control loop and achieve high performance in terms of the
transient response, audio susceptibility and output impedance.
Figure 32. LM3477 Compensation Components
Figure 33 shows a bode plot of a typical current mode buck regulator. It is an estimate of the actual plot using the
asymptotic approach. The three plots shown are of the compensator, powerstage, and loop gain, which is the
product of the power stage, compensator, and feedback gain. The loop gain determines both static and dynamic
performance of the converter. The power stage response is fixed by the selection of the power components,
therefore the compensator is designed around the powerstage response to achieve a good loop response.
Specifically, the compensator is added to increase low frequency magnitude, extend the 0dB frequency
(crossover frequency), and improve the phase characteristic.
Poles, Zeros and Important Measurements are Labeled
Figure 33. Typical Open Loop, Compensator, and Power Stage Bode Plots for LM3477 Buck Circuits
There are several different types of compensation that can be used to improve the frequency response of the
control loop. To determine which compensation scheme to use, some information about the power stage is
needed.
Use VIN = VIN(MIN) and R = RMIN (IOUT(MAX)) when calculating compensation components.
(36)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com