| Electronic Components Datasheet Search |
|
PBAR5AP2002A0S Datasheet(PDF) 13 Page - APEM |
|
|
|||||||||||||||||||||||||||||
PBAR5AP2002A0S Datasheet(HTML) 13 Page - APEM |
|
13 / 16 page ![]() APEM www.apem.com B2-141 B2 PBA series Piezo switches Ø 22 (.866) Illuminated or non-iluminated With large illuminated ring - operator height 4,50 (.177) Flat PBARZ With chamfer PBARY ELECTRICAL FUNCTIONS A NO pulse B NC pulse 1 ON - OFF - Requires external power supply - Illumination types V, Y and Z only - one LED colour only. TERMINALS F Flying leads C Cable CASE COLOURS / MATERIALS 0 Natural anodized aluminium 1 Blue anodized aluminium 2 Black anodised aluminium Code Colour 3 Green anodized aluminium 5 Gold anodized aluminium 6 Red anodised aluminium Code Colour B Stainless steel 316L Code Colour 01 2 3 5 6 B FICHIER: CPBACO le 25/11/08 ECHELLE: 0.7 indice A CPBACO1-A (.100) 2.54 2.80 (.110) CPBACO2-A CPBACO3-A 2 0.22mm 0.22mm 2 2 0.22mm 0.64 (.025) PBARYAF0000F0B © Dimension of ON-OFF models FICHIER: CPBA22-P18 le 09/03/2010 ECHELLE: 0.7 indice B CPBA224-B (.866DIAx1.00 IS) Ø22.00x1.00 SI 30° 2.00 (.079) (.815DIA) Ø20.70 (1.102DIA) Ø28.00 0.22mm 2 RZ RY |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |