Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4752TS/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4752TS/NOPB.B
Description  LM4752 Stereo 11W Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4752TS/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LM4752TS/NOPB.B Datasheet HTML 1Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 2Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 3Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 4Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 5Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 6Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 7Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 8Page - Texas Instruments LM4752TS/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM4752
www.ti.com
SNAS006E – FEBRUARY 1999 – REVISED APRIL 2013
LM4752 Stereo 11W Audio Power Amplifier
Check for Samples: LM4752
1
FEATURES
DESCRIPTION
The LM4752 is a stereo audio amplifier capable of
2
•
Drives 4
Ω and 8Ω Loads
delivering 11W per channel of continuous average
•
Internal Gain Resistors (AV = 34 dB)
output power to a 4
Ω load, or 7W per channel into 8Ω
•
Minimum External Component Requirement
using a single 24V supply at 10% THD+N.
•
Single Supply Operation
The LM4752 is specifically designed for single supply
•
Internal Current Limiting
operation and a low external component count. The
gain and bias resistors are integrated on chip,
•
Internal Thermal Protection
resulting in a 11W stereo amplifier in a compact 7 pin
•
Compact 7-lead TO-220 Package
TO-220 package. High output power levels at both
•
Low Cost-Per-Watt
20V and 24V supplies and low external component
count offer high value for compact stereo and TV
•
Wide Supply Range 9V - 40V
applications.
A
simple
mute
function
can
be
implemented with the addition of a few external
APPLICATIONS
components.
•
Compact Stereos
•
Stereo TVs
•
Mini Component Stereos
•
Multimedia Speakers
KEY SPECIFICATIONS
•
Output Power at 10% THD+N with 1kHz into 4
Ω
VCC = 24V 11 W (typ)
•
Output Power at 10% THD+N with 1kHz into 8
Ω
VCC = 24V 7 W (typ)
•
Closed Loop Gain 34 dB
(typ)
•
PO at 10% THD+N @ 1 kHz into 4Ω Single-
Ended DDPAK Package VCC = 12V 2.5 W (typ)
•
PO at 10% THD+N @ 1kHz into 8Ω Bridged
DDPAK Package VCC = 12V 5 W (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4752TS/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4752TS/NOPB TI1-LM4752TS/NOPB Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
More results

Similar Description - LM4752TS/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S_04 Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
Stereo Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com