Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM431ACM3/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM431ACM3/NOPB
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM431ACM3/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM431ACM3/NOPB Datasheet HTML 1Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 2Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 3Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 4Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 5Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 6Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 7Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 8Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM431
www.ti.com
SNVS020H – MAY 2000 – REVISED JANUARY 2016
6.5 Electrical Characteristics
TA = 25°C unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VZ = VREF, II = 10 mA
2.44
2.495
2.55
LM431A (Figure 6 )
VZ = VREF, II = 10 mA
VREF
Reference voltage
2.47
2.495
2.52
V
LM431B (Figure 6 )
VZ = VREF, II = 10 mA
2.485
2.5
2.51
LM431C (Figure 6 )
Deviation of reference input voltage
VZ = VREF, II = 10 mA,
VDEV
8
17
mV
overtemperature(1)
TA = full range (Figure 6 )
VZ from VREF to 10 V
−1.4
−2.7
ΔVREF/
Ratio of the change in reference voltage to the
IZ = 10 mA
mV/V
ΔVZ
change in cathode voltage
(Figure 7 )
VZ from 10 V to 36 V
−1
−2
R1 = 10 kΩ, R2 = ∞, II = 10 mA
IREF
Reference input current
2
4
μA
(Figure 7 )
Deviation of reference input current
R1 = 10 kΩ, R2 = ∞, II = 10 mA,
∝IREF
0.4
1.2
μA
overtemperature
TA = full range (Figure 7 )
IZ(MIN)
Minimum cathode current for regulation
VZ = VREF(Figure 6 )
0.4
1
mA
IZ(OFF)
OFF-state current
VZ = 36 V, VREF = 0 V (Figure 8)
0.3
1
μA
(1)
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature
range.
The average temperature coefficient of the reference input voltage,
∝VREF, is defined as:
Where:
T2 – T1 = full temperature change (0–70°C).
VREF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 8 mV, VREF = 2495 mV, T2 – T1 = 70°C, slope is positive.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com