Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR1AF2000N0S Datasheet(PDF) 13 Page - APEM

Part # PBAR1AF2000N0S
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR1AF2000N0S Datasheet(HTML) 13 Page - APEM

Back Button PBAR1AF2000N0S Datasheet HTML 8Page - APEM PBAR1AF2000N0S Datasheet HTML 9Page - APEM PBAR1AF2000N0S Datasheet HTML 10Page - APEM PBAR1AF2000N0S Datasheet HTML 11Page - APEM PBAR1AF2000N0S Datasheet HTML 12Page - APEM PBAR1AF2000N0S Datasheet HTML 13Page - APEM PBAR1AF2000N0S Datasheet HTML 14Page - APEM PBAR1AF2000N0S Datasheet HTML 15Page - APEM PBAR1AF2000N0S Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
APEM
www.apem.com
B2-141
B2
PBA series
Piezo switches Ø 22 (.866)
Illuminated or non-iluminated
With large illuminated ring - operator height 4,50 (.177)
Flat
PBARZ
With chamfer
PBARY
ELECTRICAL FUNCTIONS
A
NO pulse
B
NC pulse
1
ON - OFF - Requires external power supply - Illumination types V, Y and Z only - one LED colour only.
TERMINALS
F
Flying leads
C
Cable
CASE COLOURS
/ MATERIALS
0
Natural anodized aluminium
1
Blue anodized aluminium
2
Black anodised aluminium
Code
Colour
3
Green anodized aluminium
5
Gold anodized aluminium
6
Red anodised aluminium
Code
Colour
B
Stainless steel 316L
Code
Colour
01
2
3
5
6
B
FICHIER: CPBACO
le 25/11/08
ECHELLE: 0.7
indice A
CPBACO1-A
(.100)
2.54
2.80
(.110)
CPBACO2-A
CPBACO3-A
2
0.22mm
0.22mm
2
2
0.22mm
0.64
(.025)
PBARYAF0000F0B
© Dimension of ON-OFF models
FICHIER: CPBA22-P18
le 09/03/2010
ECHELLE: 0.7
indice B
CPBA224-B
(.866DIAx1.00 IS)
Ø22.00x1.00 SI
30°
2.00
(.079)
(.815DIA)
Ø20.70
(1.102DIA)
Ø28.00
0.22mm
2
RZ
RY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com