Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN2R2-40YSD Datasheet(PDF) 62 Page - Nexperia B.V. All rights reserved

Part # PSMN2R2-40YSD
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R2-40YSD Datasheet(HTML) 62 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R2-40YSD Datasheet HTML 58Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 59Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 60Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 61Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 62Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 63Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 64Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 65Page - Nexperia B.V. All rights reserved PSMN2R2-40YSD Datasheet HTML 66Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 234 page
background image
Automotive ESD protection and TVS 
Types in
bold represent new products
Types in
bold represent new products
Classic In-Vehicle Networks
Automotive Ethernet 
Configuration Type
Package
Size(mm)
LIN
1
24
30
14
17
3,5
42
PESD1IVN24-A
SOD323
(SC-76)
1.7 x 1.25 x 0.95
15 (diode 1)
24 (diode 2)
30
13
17
3 (diode 1)
5 (diode 2)
70 (diode 1)
44 (diode 2)
PESD1LIN
27
30
14
17
3
45
PESD1IVN27-A
30
14
17
3
45
PESD1IVN27-U
2.0 x 1.25 x 0.95
CAN
2
24
30
14
17
3.5
42
PESD2IVN24-T
SOT23
2.9 x 1.3 x 1.0
23
11
17
3
70
PESD1CAN
30
25
30
5
41
PESD2CAN
27
30
14
17
3
45
PESD2IVN27-T
24
30
14
17
3.5
42
PESD2IVN24-U
SOT323
2.0 x 1.25 x 0.95
27
30
14
17
3
45
PESD2IVN27-U
CAN-FD
24
25
5,.
6
1.2
42
PESD2CANFD24V-T
SOT23
2.9 x 1.3 x 1.0
15
3.1
3.5
1
42
PESD2CANFD24U-T
27
25
5.6
6
1
44
PESD2CANFD27V-T
15
3.1
3.5
1
44
PESD2CANFD27U-T
24
25
5.6
6
1.2
42
PESD2CANFD24V-U
SOT323
2.0 x 1.25 x 0.95
15
3.1
3.5
1
42
PESD2CANFD24U-U
27
25
5,6
6
1
44
PESD2CANFD27V-U
15
3.1
3.5
1
44
PESD2CANFD27U-U
FlexRay
24
23
11
17
3
70
PESD1FLEX
PESDxIVN
Main Application
Configuration Type
Package
Size (mm)
OPEN Alliance
100/1000BASE-T1 Ethernet
at the connector
2
24
100
30
-
2
0.1
PESD2ETH1G-T
SOT23
2.9 x 1.3 x 1.0
OPEN Alliance 100BASE-T1
Ethernet
at the connector
100
30
-
3
PESD2ETH100-T
10/100/1000 Mbit/s
Ethernet at the PHY
5
-
8
1
1.5
PESD2ETH-X
SOT143B
2.9 x 1.3 x 1.0
-
12
1.8
-
PESD2ETH-AX
-
8
1.3
1.5
PESD2ETH-D
SOT457
2.9 x 1.5 x 1.0
-
12
2
2.3
PESD2ETH-AD
1
5.5
-
10
0.4
0.55
PESD5V0F1BL
DFN1006-2
(SOD882)
1.0 x 0.6 x 0.48
mse211
mse211
bra526
15 V 24 V
1
2
2
1
aaa-018783
3
mse213
1
2
3
006aaa482
4
1
3
2
brb182
1
3
5
6
2
I/O1
I/O2
GND
4
VBUS
I/O1
I/O2
2
1
Sym045
mse213
1
2
3
Nexperia selection guide 2020
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com