Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP4LBMNP-331M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CP4LBMNP-331M
Description  IFT Coils
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CP4LBMNP-331M Datasheet(HTML) 1 Page - Sumida Corporation

  CP4LBMNP-331M Datasheet HTML 1Page - Sumida Corporation CP4LBMNP-331M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CP-4LBM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
IFT Coils < SMD Type: CP Series>
◆
Product Description
・
6.0×5.1mm Max.,(L×W), 2.3mm Max. Height.
・
Inductance range:10~560µH Max.
・
Operating Frequency:15MHz Max.
・
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements
◆
Feature
・
Low profile fixed shielded type of tight-space design
・
Ideally used as IFT coils or low power DC-DC converters transformers.
・
RoHS Compliance
◆
Dimensions (mm)
*
Dimension does not include solder used on coil.
*
Pin pitch shall be measured at the root of terminal.
*
Dimension without tolerance are approx.
◆
Connection (Bottom View)
“S” is winding start
3
2
1
4
6
S
0.45
4.8-0.2
+0.3
2.3 Max.
0.95
3.8
0.95
1.2±0.15
0.45


Similar Part No. - CP4LBMNP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CP4L2-150 SUMIDA-CP4L2-150 Datasheet
158Kb / 1P
IFT Coils < SMD Type: CP Series>
CP4L2-4R8 SUMIDA-CP4L2-4R8 Datasheet
158Kb / 1P
IFT Coils < SMD Type: CP Series>
CP4L2-6R8 SUMIDA-CP4L2-6R8 Datasheet
158Kb / 1P
IFT Coils < SMD Type: CP Series>
More results

Similar Description - CP4LBMNP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
IFT COILS
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
IFT COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com