Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4875MX/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4875MX/NOPB.A
Description  LM4875 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4875MX/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LM4875MX/NOPB.A Datasheet HTML 1Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 2Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 3Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 4Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 5Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 6Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 7Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 8Page - Texas Instruments LM4875MX/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM4875
www.ti.com
SNAS042C – JANUARY 2002 – REVISED MAY 2013
LM4875
750 mW Audio Power Amplifier with DC Volume
Control and Headphone Switch
Check for Samples: LM4875
1
FEATURES
DESCRIPTION
The LM4875 is a mono bridged audio power amplifier
2
•
Precision DC Voltage Volume Control
with DC voltage volume control. The LM4875 is
•
Headphone Amplifier Mode
capable of delivering 750mW of continuous average
•
“Click and Pop” Suppression
power into an 8
Ω load with less than 1% THD when
powered by a 5V power supply. Switching between
•
Shutdown Control When Volume Control Pin Is
bridged speaker mode and headphone (single ended)
Low
mode is accomplished using the headphone sense
•
Thermal Shutdown Protection
pin. To conserve power in portable applications, the
LM4875's micropower shutdown mode (IQ = 0.7µA,
APPLICATIONS
typ) is activated when less than 300mV is applied to
the DC Vol/SD pin.
•
GSM Phones and Accessories, DECT, Office
Phones
Boomer
audio
power
amplifiers
are
designed
specifically to provide high power audio output while
•
Hand Held Radio
maintaining high fidelity. They require few external
•
Other Portable Audio Devices
components and operate on low supply voltages.
KEY SPECIFICATIONS
•
PO at 1.0% THD+N Into 8Ω; 750 mW (typ)
•
PO at 10% THD+N Into 8Ω; 1 W (typ)
•
Shutdown Current; 0.7µA(typ)
•
Supply Voltage Range; 2.7V to 5.5 V
TYPICAL APPLICATION
CONNECTION DIAGRAM
Small Outline Package (SOIC)
Mini Small Outline Package (VSSOP)
Top View
See Package Number D, DGK
Figure 1. Typical Audio Amplifier Application
Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4875MX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4875MX/NOPB TI-LM4875MX/NOPB Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results

Similar Description - LM4875MX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com