Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 27Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 28Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 31Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 32Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 33Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 34Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.2.3 Application Curves
Conditions: Input Voltage = 48 VDC
Output Current = 5 A
Trace 1: Output Voltage Volts/div = 500 mV
Horizontal Resolution = 0.5 ms/div
Figure 27. Output Voltage During a Typical Start-Up
Conditions: Input Voltage = 48 VDC
Output Current = 15 A to 22.5 A
Upper Trace: Output Voltage Volts/div = 50 mV
Lower Trace: Output Current = 15 A to 22.5 A to 15 A
Horizontal Resolution = 0.5 ms/div
Figure 28. Transient Response for a Load Change From
15 A to 22.5 A
Conditions: Input Voltage = 48 VDC
Output Current = 30 A
Bandwidth Limit = 20 MHz
Trace 1: Output Ripple Voltage Volts/div = 20 mV
Horizontal Resolution = 1 µs/div
Figure 29. Typical Output Ripple Seen Across the Output
Terminals
Conditions: Input Voltage = 36 VDC
Output Current = 5 A
Trace 1: Q1 drain voltage Volts/div = 10 V
Horizontal Resolution = 1 µs/div
Figure 30. Drain Voltage of Q1 With a 5-A Load (Input
Voltage of 36 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com