Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBAR5AF2000K0S Datasheet(PDF) 1 Page - APEM

Part # PBAR5AF2000K0S
Description  Piezo switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBAR5AF2000K0S Datasheet(HTML) 1 Page - APEM

  PBAR5AF2000K0S Datasheet HTML 1Page - APEM PBAR5AF2000K0S Datasheet HTML 2Page - APEM PBAR5AF2000K0S Datasheet HTML 3Page - APEM PBAR5AF2000K0S Datasheet HTML 4Page - APEM PBAR5AF2000K0S Datasheet HTML 5Page - APEM PBAR5AF2000K0S Datasheet HTML 6Page - APEM PBAR5AF2000K0S Datasheet HTML 7Page - APEM PBAR5AF2000K0S Datasheet HTML 8Page - APEM PBAR5AF2000K0S Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
APEM
www.apem.com
B2-129
B2
PBA series
Piezo switches
Specifications
K
Bushing diameter 16 mm, 19 mm or 22 mm
K
Sealed to IP68 and IP69K (switches mounted on panel)
K
Easy to clean metal surface
K
Very long life expectancy
K
Ring or dot illumination
ENVIRONMENTAL SPECIFICATIONS
• Sealing : IP68 per IEC 60529, IP69K per DIN 40050-9
(switches mounted on panel)
• Vibration resistance : 10-500 Hz / 10 g per IEC 60068-2-6
• Operating temperature : -40°C to +75°C
• EMC compatibility according to EN 61058-1 for the whole range
• EMC compatibility according to EN 61000-4 & EN61000-6-2 for model
1A (code 002)
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- Function A : standard 200mA 24VAC/DC - option 1A 24VAC/DC
- Function B : standard 100mA 24VAC/DC
• Switch resistance ON : 10Ω max.
• Switch resistance OFF : 5MΩ min.
• Life expectancy : 50 million cycles
• LED consumption : Illuminated dot 10mA - Illum. ring 20mA (functions A-B-C)
• Power consumption for function 1 : non-illum.10mA - illuminated 30mA
SEALING
IP68
SEALING
IP69K
MATERIALS
• Case : aluminium, anodized
or stainless steel 316L
• Multi-wire leads section 0,22 mm2
length 300 mm, twisted by pair
• Cable, length 300 mm, section
depending on switch model
• PC terminals : bronze, tin plated
GENERAL SPECIFICATIONS
• Operating force : 2 to 6N
• Torque : 2,5Nm min. - 3Nm max.
FICHIER: CPBAET-P7
le 09/01/09
ECHELLE: 0.7
indice A
CPBAET1-A
CPBAET2-A
2
3
3
1
FICHIER: CPBAET-P7
le 09/01/09
ECHELLE: 0.7
indice A
CPBAET1-A
CPBAET2-A
2
3
3
1
Œ One-piece bushing
 Epoxy sealed terminals
Ž O-ring
Continuous immersion in water
IP68 test conditions
Continuous immersion in water
(1m, 24 hours)
IP69K test conditions
. Pressure : 80 - 120 bars
. Distance : 15 cm
. Temperature : 80°C ± 5°C
. Flow : 14 - 16 l/mn
. Duration : 30 seconds per position
High pressure, high temperature wash down
Note
: to maintain the ESD performance,
always add a ground washer when the
panel is made of non-conductive material
(PVC, polycarbonate).
For part numbers, see «Mounting
accessories» on the following pages.
The company reserves the right to change specifications without notice.
UG1410-A-R3


Similar Part No. - PBAR5AF2000K0S

ManufacturerPart #DatasheetDescription
logo
APEM
PBAR5AFB000MX APEM-PBAR5AFB000MX Datasheet
1Mb / 5P
ATEX approved piezo switches
More results

Similar Description - PBAR5AF2000K0S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPD1S2W4P ITT-KPD1S2W4P Datasheet
265Kb / 3P
Piezo Pulse Momentary Pushbutton Switches
logo
List of Unclassifed Man...
EFM-250 ETC2-EFM-250 Datasheet
167Kb / 1P
Piezo Buzzer
logo
Ningbo Foryard Optoelec...
EFM-250D FORYARD-EFM-250D Datasheet
45Kb / 1P
Piezo Buzzer
logo
Projects Unlimited, Inc...
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
logo
CUI INC
CPT-3526-L100 CUI-CPT-3526-L100 Datasheet
356Kb / 4P
PIEZO ELEMENT
CPT-3529-L100 CUI-CPT-3529-L100 Datasheet
363Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
VEAE-BB-6-12-D9-X4 FESTO-VEAE-BB-6-12-D9-X4 Datasheet
89Kb / 2P
Piezo valve
VEMP-BS-3-16-D7-F-28T1 FESTO-VEMP-BS-3-16-D7-F-28T1 Datasheet
94Kb / 2P
Piezo valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com