Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5109ASDX/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5109ASDX/NOPB.B
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109ASDX/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LM5109ASDX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5109ASDX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 4
6.6
Switching Characteristics .......................................... 5
6.7
Typical Performance Characteristics ........................ 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Application ................................................. 11
9
Power Supply Recommendations ...................... 15
10
Layout................................................................... 16
10.1
Layout Guidelines ................................................. 16
10.2
Layout Example .................................................... 16
11
Device and Documentation Support ................. 17
11.1
Documentation Support ........................................ 17
11.2
Receiving Notification of Documentation Updates 17
11.3
Community Resource............................................ 17
11.4
Trademarks ........................................................... 17
11.5
Electrostatic Discharge Caution ............................ 17
11.6
Glossary ................................................................ 17
12
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2016) to Revision C
Page
•
Updated values in the Thermal Information table to align with JEDEC standards................................................................. 4
•
Added Overview section. ........................................................................................................................................................ 8
•
Added Feature Description section. ....................................................................................................................................... 8
•
Added Device Functional Modes section. .............................................................................................................................. 9
•
Added Typical Application section........................................................................................................................................ 11
•
Added Power Supply Recommendations section. .............................................................................................................. 15
Changes from Revision A (March 2013) to Revision B
Page
•
Added Device Information table, ESD Ratings, Pin Configuration and Functions section, Detailed Description
section, Application and Implementation section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Original (March 2013) to Revision A
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com