Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5109AMA/NOPB.A Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5109AMA/NOPB.A
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5109AMA/NOPB.A Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 14Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 15Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 16Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 17Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 18Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 19Page - Texas Instruments LM5109AMA/NOPB.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Optimum performance of high and low-side gate drivers cannot be achieved without taking due considerations
during circuit board layout. The following points are emphasized:
1. Low ESR / ESL capacitors must be connected close to the IC between VDD and VSS pins and between HB
and HS pins to support high peak currents being drawn from VDD and HB during the turn-on of the external
MOSFETs.
2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor and a
good quality ceramic capacitor must be connected between the MOSFET drain and ground (VSS).
3. In order to avoid large negative transients on the switch node (HS) pin, the parasitic inductances between
the top MOSFET source and the of the bottom MOSFET drain (synchronous rectifier) must be minimized.
4. Grounding considerations:
–
The first priority in designing grounding connections is to confine the high peak currents that charge and
discharge the MOSFET gates to a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminals of the MOSFETs. The gate driver should be placed as close
as possible to the MOSFETs.
–
The second consideration is the high current path that includes the bootstrap capacitor, the bootstrap
diode, the local ground referenced bypass capacitor, and the low-side MOSFET body diode. The
bootstrap capacitor is recharged on a cycle-by-cycle basis through the bootstrap diode from the ground
referenced VDD bypass capacitor. The recharging occurs in a short time interval and involves high peak
current. Minimizing this loop length and area on the circuit board is important to ensure reliable operation.
10.2 Layout Example
Figure 17. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com