Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2021MA/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMP2021MA/NOPB
Description  LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2021MA/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP2021MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP2021MA/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
-
+
FEEDBACK
NETWORK
VIN_DIFF
VIN
RIN
1
10
1000
FEEDBACK CAPACITANCE (pF)
0
26
52
78
104
130
156
100
RF
CF
+
-
20
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Application Information (continued)
offset as the duty cycle and amplitude of the pulses vary from part to part, depending on the correction at the
time. The lowest input current will be obtained when the impedances, both resistive and capacitive, are matched
between the inputs. By balancing the input capacitances, the effect can be minimized. A simple way to balance
the input impedance is adding a capacitance in parallel to the feedback resistance. The addition of this feedback
capacitance reduces the bias current and increases the stability of the operational amplifier. Figure 42 shows the
input bias current of the LMP202x when RF is set to 1 GΩ. As it can be seen from Figure 42, choosing the
optimum value of CF will help reducing the input bias current.
Figure 42. Input Bias Current vs. CF with RF = 1 GΩ
The effect of bias current on a circuit can be estimated with the following:
AV*IBIAS+*ZS - IBIAS−*ZF
(2)
Where AV is the closed loop gain of the system and IBIAS+ and IBIAS− denote the positive and negative bias
current, respectively. It is common to show the average of these bias currents in product datasheets. If IBIAS+ and
IBIAS− are not individually specified, use the IBIAS value provided in datasheet graphs or tables for this calculation.
For the application circuit shown in Figure 46, the LMP2022 amplifiers each have a gain of 18. With a sensor
impedance of 500
Ω for the bridge, and using the above equation, the total error due to the bias current on the
outputs of the LMP2022 amplifier will be less than 200 nV.
8.1.4 Sensor Impedance
The sensor resistance, or the resistance connected to the inputs of the LMP202x, contributes to the total
impedance seen by the auto correcting input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com