Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MF/NOPB.A Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP7717MF/NOPB.A
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717MF/NOPB.A Datasheet(HTML) 4 Page - Texas Instruments

  LMP7717MF/NOPB.A Datasheet HTML 1Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 2Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 3Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 4Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP7717MF/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LMP7717, LMP7718
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
www.ti.com
2.5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2 = V
O. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
±20
±180
µV
±480
TC VOS
Input Offset Voltage Temperature
LMP7717
−1.0
±4
μV/°C
Drift(4) (5)
LMP7718
−1.8
IB
Input Bias Current
VCM = 1.0V
−40°C ≤ TA ≤ 85°C
0.05
1
See (6) and (5)
25
pA
−40°C ≤ TA ≤
0.05
1
125°C
100
IOS
Input Offset Current
VCM = 1.0V
.006
0.5
pA
See(5)
50
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.4V
83
94
dB
80
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V, VCM = 0V
85
100
80
dB
1.8V
≤ V+ ≤ 5.5V, VCM = 0V
85
98
CMVR
Common Mode Voltage Range
CMRR
≥ 60 dB
−0.3
1.5
V
CMRR
≥ 55 dB
−0.3
1.5
AVOL
Open Loop Voltage Gain
VOUT = 0.15V to
LMP7717
88
98
2.2V,
82
RL = 2 kΩ to V
+/2
LMP7718
84
92
80
dB
VOUT = 0.15V to
LMP7717
92
110
2.2V,
88
RL = 10 kΩ to V
+/2
LMP7718
90
95
86
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
25
70
77
RL = 10 kΩ to V
+/2
20
60
mV
66
from
either
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
30
70
rail
73
RL = 10 kΩ to V
+/2
15
60
62
IOUT
Output Current
Sourcing to V−
36
47
VIN = 200 mV
30
See(7)
mA
Sinking to V+
7.5
15
VIN = –200 mV
5
See(7)
IS
Supply Current per Amplifier
LMP7717
0.95
1.30
1.65
mA
LMP7718 per channel
1.1
1.5
1.85
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Offset voltage average drift is determined by dividing the change in VOS by temperature change.
(5)
Parameter is specified by design and/or characterization and is not test in production.
(6)
Positive current corresponds to current flowing into the device.
(7)
The short circuit test is a momentary test, the short circuit duration is 1.5 ms.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com