Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV641MA/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMV641MA/NOPB
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
1012:
988:
SIG + = 4.554V
988:
1012:
9V
SIG - = 4.446V
VSIG = 108 mV
-
+
SIG -
SIG +
VO = [(SIG + ) ± (SIG -)]
R4
R2
R4
R2
R1
R3
R1 = R2 = R3 = R4
VSIG = VEXC x
'R
R
20
LMV641
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LMV641
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Applications (continued)
Using Thevenin’s Theorem, the bridge can be reduced to two voltage sources with series resistances. ΔR is
normally very small in comparison to R, thus the Thevenin equivalent resistance, commonly called the source
resistance, can be taken to be R. When a bias voltage is applied between VEXC and ground, in the absence of a
magnetic field, all of the resistances are considered equal. The voltage at Sig+ and Sig
− is half VEXC, or 4.5 V,
and Sig+ - Sig
− = 0. Bridges are designed such that, when immersed in a magnetic field, opposite resistances in
the bridge change by ±ΔR with an amount proportional to the strength of the magnetic field. This causes the
bridge's output differential voltage, to change from its half VEXC value. Thus Sig+ - Sig− = Vsig ≠ 0. With four
active elements, the output voltage is:
(2)
Because ΔR is proportional to the field strength, BS, the amount of output voltage from the sensor is a function of
sensor sensitivity, S. This expression can rewritten as , where
VSIG = VEXC · S · BS
where
•
S = material constant (nominally 1 mV/V/gauss)
•
BS = magnetic flux in gauss
(3)
A simplified schematic of a single op amp, differential amplifier is shown in Figure 43. The Thevenin equivalent
circuit of the sensor can be used to calculate the gain of this amplifier.
Figure 43. Differential Input Amplifier
The Honeywell HMC1051Z AMR sensor has nominal 1-kΩ elements and a sensitivity of 1 mV/V/gauss and is
being used with 9 V of excitation with a full scale magnetic field range of ±6 gauss. At full-scale, the resistors will
have ΔR ≈ 12 Ω and 108 mV will be seen from Sig− to Sig+ (see Figure 44).
Figure 44. Sensor Output with No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com