Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3875-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3875-ADJ
Description  LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3875-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LP3875-ADJ Datasheet HTML 1Page - Texas Instruments LP3875-ADJ Datasheet HTML 2Page - Texas Instruments LP3875-ADJ Datasheet HTML 3Page - Texas Instruments LP3875-ADJ Datasheet HTML 4Page - Texas Instruments LP3875-ADJ Datasheet HTML 5Page - Texas Instruments LP3875-ADJ Datasheet HTML 6Page - Texas Instruments LP3875-ADJ Datasheet HTML 7Page - Texas Instruments LP3875-ADJ Datasheet HTML 8Page - Texas Instruments LP3875-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LP3875-ADJ
IN
OUT
ADJ
GND
CIN
COUT
INPUT
OUTPUT
1.5 A
R1
R2
CFF
SD
SD
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP3875-ADJ
SNVS247E – SEPTEMBER 2003 – REVISED AUGUST 2016
LP3875-ADJ 1.5-A Fast Ultra-Low-Dropout LDOs
1
1 Features
1
•
Input Voltage Range: 2.5 V to 7 V
•
Ultra Low Dropout Voltage
•
Low Ground Pin Current
•
Load Regulation of 0.06%
•
10-nA Quiescent Current in Shutdown Mode
•
Specified Output Current of 1.5-A DC
•
Minimum Output Capacitor Requirements
•
Overtemperature/Overcurrent Protection
•
−40°C to +125°C Junction Temperature Range
•
Available in DDPAK/TO-263 and SOT-223
Packages
2 Applications
•
Microprocessor Power Supplies
•
GTL, GTL+, BTL, and SSTL Bus Terminators
•
Power Supplies for DSPs
•
SCSI Terminator
•
Post Regulators
•
High Efficiency Linear Regulators
•
Battery Chargers
•
Other Battery-Powered Applications
3 Description
The LP3875-ADJ fast ultra-low-dropout LDO operates
from a 2.5-V to 7-V input supply. This ultra-low-
dropout LDO responds very quickly to step changes
in load, which makes it suitable for low-voltage
microprocessor applications. The LP3875-ADJ is
developed on a CMOS process, which allows low
quiescent-current operation independent of output
load current. This CMOS process also allows the
LP3875-ADJ to operate under extremely low dropout
conditions.
•
Dropout
Voltage:
Ultra-low-dropout
voltage;
typically 38 mV at 150-mA load current and 380
mV at 1.5-A load current.
•
Ground Pin Current: Typically 6 mA at 1.5-A load
current.
•
Shutdown
Mode:
Typically
10-nA
quiescent
current when the SD pin is pulled low.
•
Adjustable Output Voltage: The output voltage
may be programmed via two external resistors.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP3875-ADJ
SOT-223 (5)
6.50 mm × 3.56 mm
TO-263 (5)
10.16 mm × 8.42 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Simplified Schematic


Similar Part No. - LP3875-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3875-ADJ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP3875EMP-18 TI1-LP3875EMP-18 Datasheet
2Mb / 25P
LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP38502-ADJ TI-LP38502-ADJ Datasheet
1Mb / 27P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulatorfor 2.7-V to 5.5-V Inputs
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP38500-ADJ TI-LP38500-ADJ_15 Datasheet
1Mb / 28P
LP3850x-ADJ, LP3850xA-ADJ 1.5-A Flexcap Low-Dropout Linear Regulator for 2.7-V to 5.5-V Inputs
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com