Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3995 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3995
Description  LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3995 Datasheet(HTML) 3 Page - Texas Instruments

  LP3995 Datasheet HTML 1Page - Texas Instruments LP3995 Datasheet HTML 2Page - Texas Instruments LP3995 Datasheet HTML 3Page - Texas Instruments LP3995 Datasheet HTML 4Page - Texas Instruments LP3995 Datasheet HTML 5Page - Texas Instruments LP3995 Datasheet HTML 6Page - Texas Instruments LP3995 Datasheet HTML 7Page - Texas Instruments LP3995 Datasheet HTML 8Page - Texas Instruments LP3995 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1 IN
2 GND
3 EN
OUT 6
BYPASS 4
N/C 5
Device
Code
IN 1
GND 2
EN 3
6 OUT
4 BYPASS
5 N/C
PAD
GND
PAD
GND
A3
C3
A1
B2
C1
BYPASS
IN
EN
GND
OUT
A3
C3
A1
B2
C1
BYPASS
IN
EN
GND
OUT
LP3995
www.ti.com
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
YZR Package
5-Pin DSBGA
Top View
NGD Package
6-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
WSON
DSBGA
Bypass capacitor connection.
BYPASS
4
A3
—
Connect a 0.01-µF capacitor for noise reduction.
Enable input; Disables the regulator when
≤ 0.4 V.
EN
3
A1
Input
Enables the regulator when
≥ 0.9 V.
GND
2
B2
Ground
Common ground
The exposed thermal pad on the bottom of the WSON package should be
connected to a copper thermal pad on the PCB under the package. The use of
thermal vias to remove heat from the package into the PCB is recommended.
Thermal
Connect the exposed thermal pad to ground potential or leave floating. Do not
GND
—
Ground
Pad
connect the thermal pad to any potential other than the same ground potential
seen at device pin 2. For additional information on using TI's non pull-back WSON
package, see TI Application Note AN- 1187 Leadless Leadframe Package (LLP)
(SNOA401).
IN
1
C3
Input
Voltage supply input
N/C
5
—
—
No internal connection. This pin can be connected to GND, or left open.
OUT
6
C1
Output
Voltage output. Connect this output to the load circuit.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com