Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5030 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP5030
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 15Page - Texas Instruments LP5030 Datasheet HTML 16Page - Texas Instruments LP5030 Datasheet HTML 17Page - Texas Instruments LP5030 Datasheet HTML 18Page - Texas Instruments LP5030 Datasheet HTML 19Page - Texas Instruments LP5030 Datasheet HTML 20Page - Texas Instruments LP5030 Datasheet HTML 21Page - Texas Instruments LP5030 Datasheet HTML 22Page - Texas Instruments LP5030 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
INITIALIZATION
STANDBY
EN = H
From all states
RESET = FF or UVLO = H
SHUTDOWN
EN = L
From all states
VCC Power Up
Chip_EN = 1
Chip_EN = 0
NORMAL
POWER SAVE
I2C Command
Power_Save_EN =1 and
All LEDs off > 30ms
THERMAL
SHUTDOWN
TSD=H
TSD=L
19
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.4 Device Functional Modes
Figure 15. Functional Modes
•
INITIALIZATION: The device enters into INITIALIZATION mode when EN = H. In this mode, all the registers
are reset. Entry can also be from any state, if the RESET (register) = FFh or UVLO is active.
•
NORMAL: The device enters the NORMAL mode when Chip_EN (register) = 1. ICC is 10 mA (typical).
•
POWER SAVE: The device automatically enters the POWER SAVE mode when Power_Save_EN (register) =
1 and all the LEDs are off for a duration of >30 ms. In POWER SAVE mode, analog blocks are disabled to
minimize power consumption, but the registers retain the data and keep it available via I2C. ICC is 12 µA
(maximum). In case of any I2C command to this device, it goes back to the NORMAL mode.
•
SHUTDOWN: The device enters into SHUTDOWN mode from all states on VCC power up or when EN = L.
ICC is < 1 µA (max).
•
STANDBY: The device enters the STANDBY mode when Chip_EN (register bit) = 0. In this mode, all the
OUTx are shut down, but the registers retain the data and keep it available via I2C. STANDBY is the low-
power-consumption mode, when all circuit functions are disabled. ICC is 10 µA (maximum).
•
THERMAL SHUTDOWN: The device automatically enters the THERMAL SHUTDOWN mode when the
junction temperature exceeds 160°C (typical). In this mode, all the OUTx outputs are shut down. If the
junction temperature decreases below 145°C (typical), the device returns to the NORMAL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com