Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55231SQE/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Part # LP55231SQE/NOPB
Description  LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55231SQE/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP55231SQE/NOPB Datasheet HTML 45Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 46Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 47Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 48Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 49Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 50Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 51Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 52Page - Texas Instruments LP55231SQE/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
30 ms
30 ms
TRIGGER SIGNAL
FROM TOUCH
SCREEN
CONTROLLER
CW
ROTATION
CCW
ROTATION
VIBRAP
VIBRAN
TRIG
49
LP55231
www.ti.com
SNOSCR5D – MARCH 2013 – REVISED DECEMBER 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
If the application processor has controls for a vibra motor they can be connected to H-Driver INA and INB as
shown in Figure 30. In this case the vibra can be controlled directly with application processor and also with
LP55231. If application processor control is not needed, then connect the 100-k
Ω resistors to GND.
A simple waveform for H-driver control is shown in Figure 31. At first the motor rotates in CW direction for 30 ms,
following a rotation of 30 ms in CCW direction. The sequence is started when the TRIG signal is pulled down
(active low signal). the TRIG signal is received from the touch screen controller. After the sequence is executed,
the LP55231 waits for another TRIG signal to start the sequence again. TRIG signal timing is not critical; it does
not have to be pulled down for the whole sequence duration like in the example. For call indication, etc. purposes
the program can be changed; for example, rotation times can be adjusted to get desired haptic reaction. Direct
control of D8 and D9 output is also possible through the control registers, if programming is not desired.
Figure 31. Control Waveform
8.2.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
LED VF (maximum)
3.6 V
LED current
25.5 mA maximum
Input capacitor
CIN1 = 1 μF
Output capacitor
COUT = 1 μF
Charge pump fly capacitors
C1 = C2 = 0.47 μF
Charge pump mode
1.5× or Automatic
8.2.2.2 Detailed Design Procedure
External component selection follows the earlier example (see Detailed Design Procedure above). H-Bridge must
be selected to have high enough current capability for the vibra motor and control interface suitable for LP55231
LED outputs.
8.2.2.3 Application Curves
See Application Curves above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com