Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPV511MG/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LPV511MG/NOPB
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511MG/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LPV511MG/NOPB Datasheet HTML 14Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 15Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 16Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 17Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 18Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 19Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 20Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 21Page - Texas Instruments LPV511MG/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LPV80x is specified for operation from 1.6 V to 5.5 V (±0.8 V to ±2.75 V) over a –40°C to 125°C temperature
range. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Electrical Characteristics: 3 V.
CAUTION
Supply voltages larger than 13.2 V can permanently damage the device.
For proper operation, the power supplies bust be properly decoupled. For decoupling the supply lines it is
suggested that 100 nF capacitors be placed as close as possible to the operational amplifier power supply pins.
For single supply, place a capacitor between V+ and V– supply leads. For dual supplies, place one capacitor
between V+ and ground, and one capacitor between V– and ground.
Low bandwidth nanopower devices do not have good high frequency (> 1 kHz) AC PSRR rejection against high-
frequency switching supplies and other 1 kHz and above noise sources, so extra supply filtering is recommended
if kilohertz or above noise is expected on the power supply lines.
10 Layout
10.1 Layout Guidelines
•
The V+ pin should be bypassed to ground with a low-ESR capacitor.
•
The optimum placement is closest to the V+ and ground pins.
•
Take care to minimize the loop area formed by the bypass capacitor connection between V+ and ground.
•
The ground pin should be connected to the PCB ground plane at the pin of the device.
•
The feedback components should be placed as close to the device as possible minimizing strays.
10.2 Layout Example
Figure 31. SOT-23 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com