Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPV7215MF/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV7215MF/NOPB.A
Description  LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV7215MF/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LPV7215MF/NOPB.A Datasheet HTML 1Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 2Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 3Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 4Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 5Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 6Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 7Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 8Page - Texas Instruments LPV7215MF/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
tPD L-H
tPD H-L
1
10
100
1000
3
8
13
18
V
+
= 1.8V
TA = 25°C
OVERDRIVE (mV)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
25°C
-40°C
85°C
VCM = 0.8V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LPV7215
SNOSAI6J – SEPTEMBER 2005 – REVISED AUGUST 2016
LPV7215 Micropower, CMOS Input, RRIO, 1.8-V, Push-Pull Output Comparator
1
1 Features
1
•
(For V+ = 1.8 V, Typical Unless Otherwise Noted)
•
Ultra-Low Power Consumption: 580 nA
•
Wide Supply Voltage Range: 1.8 V to 5.5 V
•
Propagation Delay: 4.5 µs
•
Push-Pull Output Current Drive at 5 V 19 mA
•
Temperature Range:
−40°C to 125°C
•
Rail-to-Rail Input
•
Tiny 5-Pin SOT-23 and SC70 Packages
2 Applications
•
RC Timers
•
Window Detectors
•
IR Receivers
•
Multivibrators
•
Alarm and Monitoring Circuits
3 Description
The
LPV7215
device
is
an
ultra-low-power
comparator with a typical power supply current of
580 nA. It has the best-in-class power supply current
versus
propagation
delay
performance
available
among TI's low-power comparators. The propagation
delay is as low as 4.5 µs with 100-mV overdrive at
1.8-V supply.
Designed to operate over a wide range of supply
voltages, from 1.8 V to 5.5 V, with ensured operation
at 1.8 V, 2.7 V, and 5 V, the LPV7215 is ideal for use
in a variety of battery-powered applications. With rail-
to-rail common-mode voltage range, the LPV7215 is
well suited for single-supply operation.
Featuring a push-pull output stage, the LPV7215
allows for operation with absolute minimum power
consumption when driving any capacitive or resistive
load.
Available in a choice of space-saving packages, the
LPV7215 is ideal for use in handheld electronics and
mobile
phone
applications.
The
LPV7215
is
manufactured with TI's advanced VIP50 process.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LPV7215
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Supply Current vs Supply Voltage
Propagation Delay vs Overdrive


Similar Part No. - LPV7215MF/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV7215MF/NOPB TI1-LPV7215MF/NOPB Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215MF/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
LPV7215 TI1-LPV7215_14 Datasheet
1Mb / 28P
LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com