Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALC6V1PX Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALC6V1PX
Description  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1PX Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALC6V1PX Datasheet HTML 1Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 2Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 3Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 4Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 5Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 6Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 7Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 8Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ESDALC6V1Px
Package information
5/9
3
Package information
Figure 10.
SOT-663 footprint (dimensions in mm)
Table 3.
SOT-663 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.60
0.70
0.80
0.024 0.028 0.031
D
1.40
1.60
1.80
0.055 0.063 0.071
E
0.75
0.85
0.95
0.030 0.033 0.037
HE
1.50
1.60
1.70
0.059 0.063 0.067
L
0.39
0.015
L2
0.44
0.47
0.50
0.017 0.018 0.020
c
0.08
0.13
0.18
0.003 0.005 0.007
b
0.22
0.27
0.37
0.009 0.011 0.015
e
0.50
0.020
2xe
0.90
1.00
1.10
0.035 0.040 0.043
α
4°
7°
4°
7°
D
A
b
HE
E
L
e
2xe
L2
alpha
c



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com