Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIAT4100T5X Datasheet(PDF) 18 Page - Banner Engineering Corp.

Part # PIAT4100T5X
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIAT4100T5X Datasheet(HTML) 18 Page - Banner Engineering Corp.

Back Button PIAT4100T5X Datasheet HTML 14Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 15Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 16Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 17Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 18Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 19Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 20Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 21Page - Banner Engineering Corp. PIAT4100T5X Datasheet HTML 22Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Fiber Systems
180 More information online at bannerengineering.com
FI22 Expert™ Series
Push-button TEACH-mode
programming
2 m or 9 m integral cable, or 6-pin
Pico-style quick disconnect
Easy-to-read 8-segment bargraph
status indicator
Custom bracket for quick snap-in
mounting
Low-Profile Inline
Fiber Optic Sensors
• Features a low profile for inconspicuous surface
mounting
• Includes 8-segment LED light bar that indicates
relative received signal strength, sensing contrast,
programming status and diagnostic warnings
• Offers TEACH-mode programming for static, dynamic
and single-point configuration, and manual adjustment
for fine tuning
• Features easy-to-read TEACH and signal strength
readout, as well as a continuous readout of operating
status
• Can be programmed for either light- or dark-operate
output
FI22 Expert ™
FI22 Expert™ Sensors
14.5 mm
50.0 mm
23.0 mm
PLASTIC FIBER
Plastic Fiber Models
Suffix FP
Detailed
Dimensions
QD CABLES
PAGE 379
6-Pin Pico
PLASTIC FIBERS
PAGE 182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com