Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4008321908766 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 4008321908766
Description  DULUX S 7 W/827
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4008321908766 Datasheet(HTML) 1 Page - OSRAM GmbH

  4008321908766 Datasheet HTML 1Page - OSRAM GmbH 4008321908766 Datasheet HTML 2Page - OSRAM GmbH 4008321908766 Datasheet HTML 3Page - OSRAM GmbH 4008321908766 Datasheet HTML 4Page - OSRAM GmbH 4008321908766 Datasheet HTML 5Page - OSRAM GmbH 4008321908766 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product benefits
Extremly economical
Good quality of light
Extremely low profile
Long service life
Improved maintenance
Product features
Average life: 10,000 h
Color rendering index Ra for lamps with white light: 80…89
Also available in red, green and blue
Short and compact pin-base lamps with single-turn tubes
Single-ended two-pin plug-in G23 base
Product datasheet
DULUX S 7 W/827
OSRAM DULUX S | Short CFLni, with 2-pin base for CCG operation
Areas of application
Ideal for cost-effective creative illumination and
decoration
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
__
August 25, 2014, 16:43:42
© 2014, OSRAM GmbH. All rights reserved.
DULUX S 7 W/827
Page 1 of 6


Similar Part No. - 4008321908766

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
4008321904782 OSRAM-4008321904782 Datasheet
238Kb / 5P
HALOPAR 16 50 W 240 V 30° GU10
August 21, 2014, 19:16:26
4008321904799 OSRAM-4008321904799 Datasheet
238Kb / 5P
HALOPAR 16 50 W 240 V 30° GU10
August 21, 2014, 19:16:26
More results

Similar Description - 4008321908766

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0605-02 POWER-SYSTEMS-PS-LD0605-02 Datasheet
104Kb / 3P
LED-CONVERTER UNIT 7 W
logo
FCI connector
DB25P364TX FCI-CONNECTOR-DB25P364TX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
C-DSUB-0065 FCI-CONNECTOR-C-DSUB-0065 Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR(WITH ASSEMBLY
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022 Datasheet
1Mb / 8P
7 W Pulsed High Power Amplifier
logo
FCI connector
DB25P065HTX FCI-CONNECTOR-DB25P065HTX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
DC37P064TX FCI-CONNECTOR-DC37P064TX Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
DC37S064T FCI-CONNECTOR-DC37S064T Datasheet
129Kb / 1P
D-SUB S/S W/W CONNECTOR (WITH ASSEMBLY OPTIONS)
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022_15 Datasheet
1Mb / 9P
7 W Pulsed High Power Amplifier
logo
Rosenberger Hochfrequen...
07B003-000 ROSENBERGER-07B003-000 Datasheet
64Kb / 2P
7 mm 50 W MICROWAVE BEAD
logo
Isabellenhütte Heu...
KVM ISABELLENHUETTE-KVM Datasheet
975Kb / 3P
7 W power rating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com