Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

635-3/8 Datasheet(PDF) 3 Page - Klein Tools, Inc.

Part # 635-3/8
Description  Drivers SCREW, NUT, MULTI & ADJUSTABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

635-3/8 Datasheet(HTML) 3 Page - Klein Tools, Inc.

  635-3/8 Datasheet HTML 1Page - Klein Tools, Inc. 635-3/8 Datasheet HTML 2Page - Klein Tools, Inc. 635-3/8 Datasheet HTML 3Page - Klein Tools, Inc. 635-3/8 Datasheet HTML 4Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Cat. No.
Hex Sizes
Color
Code
Overall Length
635-1/4
1/4"
9"
(229 mm)
635-5/16
5/16"
635-3/8
3/8"
635-7/16
7/16"
9.4"
(239 mm)
635-1/2
1/2"
635-9/16
9/16"
Sets
635-4
4-Piece set includes 1/4", 5/16", 3/8" & 7/16" hex
635-6
6-Piece set includes 1/4", 5/16", 3/8", 7/16", 1/2" & 9/16" hex
Completely hollow handle for
unlimited threaded rod lengths
• Wrench assist for additional torque
• Magnetic feature helps grab hex nuts securely
Heavy-Duty
NUT DRIVERS
Cat. No.
Hex Sizes
Overall Length
32800
3/16", 1/4", 5/16", 3/8", 7/16" & 9/16"
9.5" (241 mm)
32801
3/16", 1/4", 5/16", 3/8" & 9/16"
9.1" (231 mm)
Multiple sizes in one convenient tool
• Interchangeable hex sizes are available in two models
• Heavy duty handles and shafts exceed the torque
performance of regular nut drivers
• Wrench assist feature for additional torque
Multi-Nut
DRIVERS
4-in-1 Electronics
SCREWDRIVERS
Four different bits in one tool
• Rotating cap for optimum and precise control
• Heat-treated precision machined tip for greater strength
Cat. No.
Tips
Overall Length
32581
#0 & #00 Phillips and 1/8" & 3/32" Slotted
6.5" (165 mm)
32585
T7, T8, T10 and T15 tamper-proof TORX®
6.5" (165 mm)
Wre
nch Assist
Mag
netic Tip



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com