Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

39E04ASXC8Y2VCF0 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 39E04ASXC8Y2VCF0
Description  4 Slot, 6U VPX Development System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

39E04ASXC8Y2VCF0 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  39E04ASXC8Y2VCF0 Datasheet HTML 1Page - Elma Electronic Ltd 39E04ASXC8Y2VCF0 Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elma Electronic • www.elma.com
4 Slot, 6U VPX Development System
Type 39 E-Frame
Line Drawing
Chassis
6U VPX/OpenVPX Board Development-2Slot_Rev1_032917
China:
+86 21 5866 5908
France:
+33 437 06 21 10
Germany:
+49 7231 97 34 0
Israel:
+972 3 930 50 25
Singapore:
+65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States:
+1 510 656 3400
VPX
Custom Configurations
39E
00-21: Single BP; AY-YA: Split
Example 7 slot = 07
Example 12 + 9 = LI
Number of Slots
A = oVPX, 6U, 1” (VITA 65)
B = oVPX, 3U, 1” (VITA 65)
C = oVPX, 6U, .8” (VITA 65)
D = oVPX, 3U, .8” (VITA 65)
H = oVPX, 6U, 1” + .8” (VITA 65)
I = oVPX, 3U, 1”+ .8 (VITA 65)
L = VXS Dual Star
M = V64, J12 mono, 3 row
N = VME64x, 6U
O = VME64x, 7U
P = VPX, 6U (VITA 46)
W = VPX, 3U (VITA 46)
S = VXS Star
T = VXS (Mesh)
X = No BP Installed
Z = Custom
BP Bare Board
BP Connector
(Configuration J1/J2/PO)
L = 5 row, RT-2 PO & SW
M = 3 row, J1 flush, J2 13mm
O = 5 row, w/o PO
P = 5 row, w/ PO
S = RT-2 (J0-J6) 6U
U = RT-2 (J0-J2) 3U
V = RT-2(J0-J6) 6U, RTM
W = RT-2 (J0-J2) 3U, RTM
X = No Connectors
Y = Hybrid
Z = Custom
1 = 1 x 3.5”
2 = 2 x 3.5”
3 = 1 x 5.25” HH
X = No Mounting
BP Connector
Height
9 = 9U
Width
4 = 49 T
8 = 84 T
Rear I/O
Y = Yes
Depth
2 = 200mm - 299mm
Card Orientation
V = Vertical
PSU Input
A = 110/220VAC (Plug-in)
C = 90-230VAC (Fixed)
E = 110/220VAC (2 x HS, N + 1)
G = 90-230VAC (Plug-in)
H = 48VDC (Plug-in)
K = 48VDC (Fixed)
M = 48VDC (2 x HS, N + 1)
N = 28VDC (Fixed)
O = 28VDC (2 x HS, N+1)
P = 90-230VAC (2 x HS, N + 1)
X = No PSU
PSU Output
(NOT ALL PSU COMBINATIONS
AVAILABLE)
1 = 100 - 199 watts (w/o 3.3V)
2 = 200 - 299 watts (w/o 3.3V)
3 = 300 - 399 watts (w/o 3.3V)
4 = 400 - 499 watts (w/o 3.3V)
5 = 500 - 599 watts (w/o 3.3V)
6 = 600 - 699 watts (w/o 3.3V)
7 = 700 - 799 watts (w/o 3.3V)
A = 100 - 199 watts (w 3.3V)
B = 200 - 299 watts (w 3.3V)
C = 300 - 399 watts (w 3.3V)
D = 400 - 499 watts (w 3.3V)
E = 500 - 599 watts (w 3.3V)
F = 600 - 699 watts (w 3.3V)
G = 700 - 799 watts (w 3.3V)
Shielding Level
X = Not Installed
9
Y 2 V
X
Order Information
Description
Order Number
• 12U high x 84HP wide x 12”deep
• Vertical front mount 6U x 160mm cards
• Rear I/O 6U x 80mm cards
• 4-slot power and ground VPX backplane
• Backplane part number 101VPX704P-1X40R
• 685W: fixed PSU
• 90-264V AC input voltage
39E04ASXC8Y2VCF0
Front View (84T)
Right Side View
Rear View (84T)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com