Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA5MMGH6TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WBA5MMGH6TR
Description  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMGH6TR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WBA5MMGH6TR Datasheet HTML 1Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 2Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 3Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 4Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMGH6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
Includes ST state-of-the-art patented technology.
Core
•
Arm® 32-bit Cortex®-M33 CPU with TrustZone®, MPU, DSP, and FPU
Bluetooth® LE
•
LE 2M
•
LE coded
•
Direction finding
•
LE power control
•
Isochronous channels
•
Extended advertising
•
Periodic advertising
•
LE secure connections
•
LE audio
•
Core specification v6.0
Memories
•
1-Mbyte flash memory with ECC, including 256 Kbytes with 100 kcycles
•
128-Kbyte SRAM, including 64 Kbytes with parity check
•
512-byte (32 rows) OTP
ART Accelerator
•
8-Kbyte instruction cache allowing 0-wait-state execution from flash memory
(frequency up to 100 MHz, 150 DMIPS)
Fully integrated BOM including 32 MHz and 32 kHz crystals
Integrated antenna with IPD for best-in-class and reliable antenna matching
•
Optional external antenna configuration
Certifications: CE, FCC, ISED, MIC, RoHS, REACH
Planned certifications: KC, NCC, SRRC, ANATEL
Ultra-low-power platform
•
1.71 to 3.6 V power supply
•
SMPS and ultra-low-power modes for battery longevity
•
-40°C to 85°C temperature range
Supporting:
•
Ultra-low-power 2.4 GHz RF transceiver supporting Bluetooth® LE, IEEE
802.15.4 supporting Thread, Matter for Border router, and Zigbee®
•
Programmable output power up to +10 dBm with 1 dB steps
SiP-LGA76 (8 x 12.5 mm)
Product status
STM32WBA5MMG
Bluetooth® LE and IEEE 802.15.4 radio module
STM32WBA5MMG
Datasheet
DS14801 - Rev 3 - May 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32WBA5MMGH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WBA50KG STMICROELECTRONICS-STM32WBA50KG Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
12-Sep-2024
More results

Similar Description - STM32WBA5MMGH6TR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
IEEE 802.15.4 and Bluetooth Low Energy Module
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
logo
List of Unclassifed Man...
NORA-B1 ETC-NORA-B1 Datasheet
1Mb / 46P
Stand-alone dual-core Bluetooth® 5.2 Low Energy and IEEE 802.15.4 module
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com