Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JN2AW05MH1T-RK Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2AW05MH1T-RK
Description  Panel mount receptacle, Square flange, 5 pos., Soldering, Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2AW05MH1T-RK Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JN2AW05MH1T-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2AW05MH1T-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2AW05MH1T-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JN2AW05MH1T-RK
Features
Panel mount receptacle, Square flange, 5 pos., Soldering, Pin
Part Number
JN2AW05MH1T-RK
Status
Active
Number of Positions
5 pos.
Rated Current (A)
13 A
Rated Voltage (V)
AC 400
Waterproof/ Non-waterproof
Warter proof (when mated)
Applications
industrial equipment
Connector Type
Panel mount receptacle
Connector Style
  
Contact Type
Pin
Wire Termination Method
Soldering
Applicable Wire Size (AWG)
14 max.
Coupling Style
One-touch locking
Contact Size
#16
Shell Size
W
Contact Arrangement Code
  
Contact Size X No. of Contacts
#16*5
Product Details


Similar Part No. - JN2AW05MH1T-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN2AW05MH1 JAE-JN2AW05MH1 Datasheet
269Kb / 17P
Small Circular Connector
JN2AW05MH1-RK JAE-JN2AW05MH1-RK Datasheet
115Kb / 3P
Panel mount receptacle, Square flange, 5 pos., Soldering, Pin
More results

Similar Description - JN2AW05MH1T-RK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS3102AFK GLENAIR-ITS3102AFK Datasheet
320Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS31033AFK GLENAIR-ITS31033AFK Datasheet
797Kb / 2P
Rear Panel Mount Square Flange Receptacle
ITS3103YFK GLENAIR-ITS3103YFK Datasheet
315Kb / 2P
Rear Panel Mount Square Flange Receptacle
FRITS4103A GLENAIR-FRITS4103A Datasheet
793Kb / 2P
Rear Panel Mount Square Flange Receptacle
IPT00E18-11SZC GLENAIR-IPT00E18-11SZC Datasheet
219Kb / 2P
Front Panel Mount Square Flange Receptacle
IPT00G18-11SZC GLENAIR-IPT00G18-11SZC Datasheet
228Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS-3100-A-N0 GLENAIR-ITS-3100-A-N0 Datasheet
112Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS-500-00 GLENAIR-ITS-500-00 Datasheet
382Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS-3102-Y GLENAIR-ITS-3102-Y Datasheet
230Kb / 2P
Front Panel Mount Square Flange Receptacle
ITS-3103-A GLENAIR-ITS-3103-A Datasheet
167Kb / 2P
Rear Panel Mount Square Flange Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com