Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T2525ST Datasheet(PDF) 1 Page - Stontronics Ltd.

Part # T2525ST
Description  AC-AC Plugtop Adaptors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.

T2525ST Datasheet(HTML) 1 Page - Stontronics Ltd.

  T2525ST Datasheet HTML 1Page - Stontronics Ltd. T2525ST Datasheet HTML 2Page - Stontronics Ltd. T2525ST Datasheet HTML 3Page - Stontronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
More Information
Our AC-AC UK & Euro Plugtop Adaptors are high quality and high reliability units which operate in Europe and countries
running 230VAC 50Hz mains voltage. As standard they come in a black plastic case but this along with many other fea-
tures can be modified for a custom order for very specific individual customer requirements. These units are manufactured
in China and comply with EN60950-1, CE, EMC and safety requirements.
Please Note: Many AC-AC adaptors are not very energy efficient and can not meet Level IV and V energy efficiency require-
ments as set out in European law, however there are many exemptions. Please make sure you bear this in mind when you
design new products or are looking to source our AC-AC Adaptors.
Product Selection Chart with electrical specifications
UK Plug Range
Part
Number
Voltage
(On load)
Voltage
(Off Load)
Current
Insulation
(@500VDC)
Hi-Pot Test
(IP-OP)
Magnetising
Current
Thermal
Fuse
O/P
Connector
Case
Size.
Weight
(Kg)
S2252ST
9Vac
10.8Vac
300mA
100Mohm. 4200VAC
40mA
130oC
6-pack
EI-35
0.23
S2072ST
9Vac
10.7Vac
600mA
100Mohm. 3750VAC
50mA
130oC
6-pack
EI-41
0.35
S2074ST
9Vac
10.39Vac
1000mA
100Mohm. 3750VAC
40mA
130oC
6-pack
EI-48
0.46
T2525ST
9Vac
10.39Vac
1000mA
100Mohm. 3750VAC
40mA
130oC
2.1x5.5x12
EI-48
0.46
T3004ST
12Vac
14.5Vac
500mA
100Mohm 3750VAC
60mA
130oC
2.1x5.5x12
EI-41
0.36
S2270ST
12Vac
14.5Vac
500mA
100Mohm 4200VAC
60mA
130oC
6-pack
EI-41
0.36
S2232ST
12Vac
14.2Vac
1000mA
100Mohm 3750VAC
50mA
130oC
6-pack
EI-48
0.48
T2524ST
12Vac
14.2Vac
1000mA
100Mohm 3750VAC
50mA
130oC
2.1x5.5x12
EI-48
0.46
S2234ST
15Vac
18.6Vac
500mA
100Mohm 3750VAC
50mA
130oC
6-pack
EI-41
0.36
S2073ST
18Vac
20.1Vac
500mA
100Mohm 4200VAC
50mA
130oC
6-pack
EI-48
0.49
T2840ST
25Vac
27Vac
500mA
100Mohm 3750VAC
60mA
130oC
6-pack
EI-48
0.50
Euro Plug Range
Part
Number
Voltage
(On load)
Voltage
(Off Load)
Current
Insulation
(@500VDC)
Hi-Pot Test
Magnetising
Current
Thermal
Fuse
O/P
Connector
Case
Size.
Weight
(Kg)
S2254ST
12Vac
14.5Vac
500mA
100Mohm 4200VAC
50mA
130oC
6-pack
EI-41
0.33
T3485ST
24Vac
27Vac
500mA
100Mohm 4200VAC
60mA
130oC
6-pack
EI-48
0.48
Other voltages, current ratings and mains wall-pins (USA, AZ etc.) also available on request.
Stontronics Ltd
Data Sheet
AC-AC Plugtop Adaptors
Stontronics Ltd
Chancerygate Business Centre, Cradock Road, Reading, Berkshire, RG2 0AH.
Tel: +44 (0) 118 931 1199 • Fax: +44 (0) 118 931 1145 • Email: info@stontronics.co.uk • Web: www.stontronics.co.uk
Please Note: Image shown is representative of entire range. Individual PSU image &/or drawings or data sheets available on request.
Stontronics Ltd accepts no responsibility for typographical errors in the production of this leaflet. Product specifications are subject to change without notice.
Features
• 230Vac Mains Input Voltage only
• Mains Vac to low Vac converter/adaptor
• Attractive black plastic case
• UK and Euro plug parts from stock
• 1.8Meter O/P lead
• 2.1mm or multipack O/P plugs
• 1 Year Warranty


Similar Part No. - T2525ST

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525S0xxC-DDW ATMEL-T2525S0xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S1xxC-DDW ATMEL-T2525S1xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S2xxC-DDW ATMEL-T2525S2xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S3xxC-DDW ATMEL-T2525S3xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
T2525S6xxC-DDW ATMEL-T2525S6xxC-DDW Datasheet
231Kb / 12P
IR Receiver ASSP
More results

Similar Description - T2525ST

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ADP-G2 MITSUMI-ADP-G2 Datasheet
48Kb / 2P
5W Small AC Adaptors with Worldwide Input
ASR04 MITSUMI-ASR04 Datasheet
157Kb / 2P
Worldwide Input System Compact type AC Adaptors
logo
Superworld Electronics
WH030100 SUPERWORLD-WH030100 Datasheet
140Kb / 3P
Linear Adaptors
logo
HITRON ELECTRONICS CORP...
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
logo
Mitsumi Electronics, Co...
ADP-W3 MITSUMI-ADP-W3 Datasheet
150Kb / 2P
4W AC Adaptors with Worldwide Input
ADP-W5 MITSUMI-ADP-W5 Datasheet
359Kb / 2P
3W Small AC Adaptors with Worldwide Input
ASR MITSUMI-ASR Datasheet
252Kb / 2P
Worldwide Input System Compact type AC Adaptors
ADP-G3 MITSUMI-ADP-G3 Datasheet
108Kb / 2P
10W AC Adaptors with Worldwide Input
ADP-G4 MITSUMI-ADP-G4 Datasheet
148Kb / 2P
36W small AC adaptors with worldwide input voltage
ADP-USB-G4 MITSUMI-ADP-USB-G4 Datasheet
79Kb / 2P
7.5W AC Adaptors with World Wide Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com