Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSMGA201208T331RG Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LSMGA201208T331RG
Description  Wire-wound Ferrite Bead Inductors for Power Lines LSMC/LSMG series for General Electronic Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LSMGA201208T331RG Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LSMGA201208T331RG Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LSMGA201208T331RG Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Data at any time without notice.
Before making final selection, please check product specification.
https://www.yuden.co.jp/en/
Wire-wound Ferrite Bead Inductors for Power Lines LSMC/LSMG series for General Electronic Equipment
LSMGA201208T331RG (Previous PN: FBMH2012HM331-T)
Features
Item Summary
330Ω, 1.8 A, 0805/2012 (EIA/JIS)
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Paper 4000pcs
Products characteristics table
Impedance
330 Ω ± 25 %
Z Measuring Frequency
100 MHz
Case Size (EIA/JIS)
0805/2012
Rated Current (max)(-40 to 125℃)
1.8 A
DC Resistance (max)
80 mΩ
Operating Temp. Range
-40 to +125 ℃
(Including-self-generated heat)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (250 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow/Wave
External Dimensions
Dimension L
2.0 ±0.2 mm
Dimension W
1.25 ±0.2 mm
Dimension T
0.85 ±0.2 mm
Dimension e
0.5 ±0.3 mm
2025.09.22
1 / 1


Similar Part No. - LSMGA201208T331RG

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSMGA201208T121RG TAIYO-YUDEN-LSMGA201208T121RG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LSMC/LSMG series for General Electronic Equipment
2025.09.22
LSMGA201208T221RG TAIYO-YUDEN-LSMGA201208T221RG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LSMC/LSMG series for General Electronic Equipment
2025.09.22
LSMGA201208T800RG TAIYO-YUDEN-LSMGA201208T800RG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LSMC/LSMG series for General Electronic Equipment
2025.09.22
More results

Similar Description - LSMGA201208T331RG

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LSXBH10050HL150M TAIYO-YUDEN-LSXBH10050HL150M Datasheet
301Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
LSXBH10050HL1R3N TAIYO-YUDEN-LSXBH10050HL1R3N Datasheet
301Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
LSXBH10050HL2R9N TAIYO-YUDEN-LSXBH10050HL2R9N Datasheet
301Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
LSXBH10050HL4R9N TAIYO-YUDEN-LSXBH10050HL4R9N Datasheet
301Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
LSXBH10050HL6R5N TAIYO-YUDEN-LSXBH10050HL6R5N Datasheet
301Kb / 2P
Wire-wound Ferrite Power Inductors LSXBH10050 for General Electronic Equipment
2023.01.31
LSRNJ10145GL100MNY TAIYO-YUDEN-LSRNJ10145GL100MNY Datasheet
373Kb / 3P
Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2023.02.21
LSRNJ10145GL151MNY TAIYO-YUDEN-LSRNJ10145GL151MNY Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
LSRNJ10165GL100MNY TAIYO-YUDEN-LSRNJ10165GL100MNY Datasheet
373Kb / 3P
Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
LSRNJ10165GL4R7NNY TAIYO-YUDEN-LSRNJ10165GL4R7NNY Datasheet
373Kb / 3P
Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
LSRNJ12555GL221MMY TAIYO-YUDEN-LSRNJ12555GL221MMY Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com