Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0061 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0061
Description  Joystick Module For Arduino SKU:DFR0061
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0061 Datasheet(HTML) 1 Page - DFROBOT

  DFR0061 Datasheet HTML 1Page - DFROBOT DFR0061 Datasheet HTML 2Page - DFROBOT DFR0061 Datasheet HTML 3Page - DFROBOT DFR0061 Datasheet HTML 4Page - DFROBOT DFR0061 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
Joystick Module For Arduino SKU:DFR0061
Contents
1 Introduction
2 Specification
3 PinOut
4 Tutorial
4.1 Connection Diagram
4.2 Sample Code
5 Trouble shooting
6 More
Introduction
Lots of robot projects need joystick. This module provides a affordable solution to that. Simply
connect to two analog inputs, the robot is at your commands with X,Y control. It also has a switch
that is connected to a digital pin. This joystick module can be easily connect to Arduino by IO
Expansion Shield For Arduino(V5) (SKU: DFR0088) with supplied cables.
Specification
Supply Voltage: 3.3V to 5V
Interface: Analog x2,Digital x1
PH2.0 Interface
Size:35x39mm
Weight:15g


Similar Part No. - DFR0061

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0060 DFROBOT-DFR0060 Datasheet
84Kb / 1P
Screw Shield For Arduino (SKU: DFR0060)
DFR0062 DFROBOT-DFR0062 Datasheet
201Kb / 2P
WiiChuck Adapter (Arduino Compatible)
8-10-18
DFR0063 DFROBOT-DFR0063 Datasheet
170Kb / 6P
I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
8-10-18
DFR0064 DFROBOT-DFR0064 Datasheet
74Kb / 2P
386AMP Audio Amplifier Module (Arduino compatible)
DFR0067 DFROBOT-DFR0067 Datasheet
1Mb / 6P
DHT11 Temperature and Humidity Sensor
7/7/24
More results

Similar Description - DFR0061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-AR ETC2-ULCD-28-PTU-AR Datasheet
377Kb / 6P
Arduino Display Module Pack
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
ULCD-43PT-AR ETC2-ULCD-43PT-AR Datasheet
379Kb / 6P
Arduino Display Module Pack Featuring a 4.3??Display Module
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
ULCD-35DT-AR ETC2-ULCD-35DT-AR Datasheet
325Kb / 7P
Arduino Display Module Pack
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-14438 SPARKFUN-DEV-14438 Datasheet
96Kb / 2P
Arduino Dock R2 for Onion Omega
logo
List of Unclassifed Man...
433MHZ ETC-433MHZ Datasheet
947Kb / 15P
Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
logo
Infineon Technologies A...
CYBT-243053-EVAL INFINEON-CYBT-243053-EVAL Datasheet
1Mb / 3P
EZBTTM MODULE ARDUINO EVALUATION BOARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com